Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAQ2P331MELC25 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LAQ2P331MELC25
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LAQ2P331MELC25 Datasheet(HTML) 2 Page - Nichicon corporation

  LAQ2P331MELC25 Datasheet HTML 1Page - Nichicon corporation LAQ2P331MELC25 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
LAQ
Frequency coefficient of rated ripple current
Frequency (Hz)
200•220V
400V
Coefficient
50
0.85
0.88
60
0.88
0.90
120
1.00
1.00
1k
1.15
1.10
10k or more
1.20
1.15
Rated ripple current (mArms) at 105°C 120Hz
180
220
270
330
390
470
560
680
820
1000
1200
1500
22
× 25
25
× 20
22
× 25
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
700
700
900
1000
1200
1200
1350
1350
1450
1450
1450
1600
1600
1600
1750
1750
1750
1750
2110
2110
2110
2400
2400
2650
2650
3080
0.56
0.56
0.62
0.69
0.77
0.77
0.83
0.83
0.91
0.91
0.91
1.00
1.00
1.00
1.10
1.10
1.10
1.10
1.21
1.21
1.21
1.34
1.34
1.46
1.46
1.64
LAQ2D181MELZ25
LAQ2D181MELA20
LAQ2D221MELZ25
LAQ2D271MELZ25
LAQ2D331MELZ30
LAQ2D331MELA25
LAQ2D391MELZ35
LAQ2D391MELA30
LAQ2D471MELZ40
LAQ2D471MELA30
LAQ2D471MELB25
LAQ2D561MELZ45
LAQ2D561MELA35
LAQ2D561MELB30
LAQ2D681MELZ50
LAQ2D681MELA40
LAQ2D681MELB30
LAQ2D681MELC25
LAQ2D821MELA50
LAQ2D821MELB35
LAQ2D821MELC30
LAQ2D102MELB45
LAQ2D102MELC35
LAQ2D122MELB50
LAQ2D122MELC40
LAQ2D152MELC45
200V (2D)
Ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Dimensions
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
22
× 25
22
× 25
22
× 25
22
× 25
22
× 25
22
× 30
25
× 25
22
× 30
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 25
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 35
35
× 40
35
× 45
250
300
350
450
510
580
580
660
660
760
760
760
850
850
850
950
950
950
1240
1240
1240
1300
1300
1470
1470
1590
1870
0.34
0.37
0.41
0.44
0.49
0.54
0.54
0.60
0.60
0.65
0.65
0.65
0.73
0.73
0.73
0.80
0.80
0.80
0.88
0.88
0.88
0.98
0.98
1.08
1.08
1.18
1.30
LAQ2G330MELZ25
LAQ2G390MELZ25
LAQ2G470MELZ25
LAQ2G560MELZ25
LAQ2G680MELZ25
LAQ2G820MELZ30
LAQ2G820MELA25
LAQ2G101MELZ30
LAQ2G101MELA25
LAQ2G121MELZ35
LAQ2G121MELA30
LAQ2G121MELB25
LAQ2G151MELZ40
LAQ2G151MELA35
LAQ2G151MELB25
LAQ2G181MELA40
LAQ2G181MELB30
LAQ2G181MELC25
LAQ2G221MELA45
LAQ2G221MELB35
LAQ2G221MELC30
LAQ2G271MELB40
LAQ2G271MELC35
LAQ2G331MELB45
LAQ2G331MELC35
LAQ2G391MELC40
LAQ2G471MELC45
400V (2G)
Ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
100
120
150
180
220
270
330
390
470
560
680
820
1000
22
× 20
22
× 25
22
× 25
25
× 20
22
× 25
25
× 25
22
× 30
25
× 25
30
× 20
22
× 35
25
× 30
30
× 25
35
× 20
22
× 40
25
× 30
30
× 25
35
× 25
22
× 45
25
× 35
30
× 30
35
× 25
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 40
35
× 45
500
600
650
650
700
700
900
900
900
1000
1000
1000
1000
1200
1200
1200
1200
1350
1350
1350
1350
1450
1450
1450
1600
1600
1600
1750
1750
2110
2110
2400
0.44
0.48
0.54
0.54
0.59
0.59
0.66
0.66
0.66
0.73
0.73
0.73
0.73
0.80
0.80
0.80
0.80
0.87
0.87
0.87
0.87
0.96
0.96
0.96
1.05
1.05
1.05
1.16
1.16
1.27
1.27
1.40
LAQ2P101MELZ20
LAQ2P121MELZ25
LAQ2P151MELZ25
LAQ2P151MELA20
LAQ2P181MELZ25
LAQ2P181MELA25
LAQ2P221MELZ30
LAQ2P221MELA25
LAQ2P221MELB20
LAQ2P271MELZ35
LAQ2P271MELA30
LAQ2P271MELB25
LAQ2P271MELC20
LAQ2P331MELZ40
LAQ2P331MELA30
LAQ2P331MELB25
LAQ2P331MELC25
LAQ2P391MELZ45
LAQ2P391MELA35
LAQ2P391MELB30
LAQ2P391MELC25
LAQ2P471MELA40
LAQ2P471MELB30
LAQ2P471MELC25
LAQ2P561MELA45
LAQ2P561MELB35
LAQ2P561MELC30
LAQ2P681MELB40
LAQ2P681MELC35
LAQ2P821MELB45
LAQ2P821MELC40
LAQ2P102MELC45
220V (2P)
Ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com