Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08080WAZT Datasheet(PDF) 13 Page - Texas Instruments

Part # PTH08080WAZT
Description  2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH08080WAZT Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH08080WAZT Datasheet HTML 9Page - Texas Instruments PTH08080WAZT Datasheet HTML 10Page - Texas Instruments PTH08080WAZT Datasheet HTML 11Page - Texas Instruments PTH08080WAZT Datasheet HTML 12Page - Texas Instruments PTH08080WAZT Datasheet HTML 13Page - Texas Instruments PTH08080WAZT Datasheet HTML 14Page - Texas Instruments PTH08080WAZT Datasheet HTML 15Page - Texas Instruments PTH08080WAZT Datasheet HTML 16Page - Texas Instruments PTH08080WAZT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PTH08080W
www.ti.com
SLTS235D – FEBRUARY 2005 – REVISED SEPTEMBER 2013
REVISION HISTORY
Changes from Revision C (February 2008) to Revision D
Page
•
Changed pin number to pin 2 in reference to GND for the VOAdjust pin description in the TERMINAL FUNCTIONS
table. ..................................................................................................................................................................................... 4
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links :PTH08080W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com