Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08000WAST.B Datasheet(PDF) 6 Page - Texas Instruments

Part # PTH08000WAST.B
Description  2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK™ SEQUENCING
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH08000WAST.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTH08000WAST.B Datasheet HTML 2Page - Texas Instruments PTH08000WAST.B Datasheet HTML 3Page - Texas Instruments PTH08000WAST.B Datasheet HTML 4Page - Texas Instruments PTH08000WAST.B Datasheet HTML 5Page - Texas Instruments PTH08000WAST.B Datasheet HTML 6Page - Texas Instruments PTH08000WAST.B Datasheet HTML 7Page - Texas Instruments PTH08000WAST.B Datasheet HTML 8Page - Texas Instruments PTH08000WAST.B Datasheet HTML 9Page - Texas Instruments PTH08000WAST.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (12-V INPUT)(1)(2)
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.25
V
=3.3V
O
VO =1.5V
VO =1.8V
VO =1.2V
VO =5V
IO -OutputCurrent- A
V
=2.5V
O
10
25
55
85
40
70
100
0
0.5
1
1.5
2
2.25
I
-OutputCurrent- A
O
V
=5V
O
V
=3.3V
O
V
=2.5V
O
V
=1.8V
O
V
=1.5V
O
V
=1.2V
O
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.25
IO -OutputCurrent- A
Airflow
NatConv
0
0.5
0.6
0.3
0.4
0.2
0.1
0.7
0.8
0.9
1
0
0.5
1
1.5
2
2.25
I
-OutputCurrent- A
O
V
=3.3V
O
V
=5V
O
V
=2.5V
O
V
=1.8V
O
V
=1.5V
O
V
=1.2V
O
PTH08000W
SLTS248B – JUNE 2005 – REVISED FEBRUARY 2008
EFFICIENCY
OUTPUT RIPPLE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
POWER DISSIPATION
TEMPERATURE DERATING
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
(1)
The electrical characteristic data has been developed from actual products tested at 25
°C. This data is considered typical for the
converter. Applies to Figure 5, Figure 6, and Figure 7.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100-mm x 100-mm, double-sided PCB with 2-oz. copper.
Applies to Figure 8.
6
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s) :PTH08000W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com