Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2044. Datasheet(PDF) 1 Page - Santronics Inc

Part # 2044.
Description  2044 ECONOMY HEEL GROUNDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

2044. Datasheet(HTML) 1 Page - Santronics Inc

  2044. Datasheet HTML 1Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The 2044 Economy Heel Grounder Assembly is a cup-style heel grounder with a
high visibility “yellow glow” strap that helps facility supervisors effectively manage
their static control program. This Economy Heel Grounder allows supervisors to see
at a single glance whether employees are properly wearing their heel grounding
assemblies, and to help ensure their company is protected against static damage.
Dependable and cost-efficient, the 2044 Heel Grounder effectively grounds mobile
personnel when they are in contact with conductive and dissipative flooring, and
should be an integral part of any static control system in the workplace.
DRAWING
NUMBER
2044
DATE
December
2017
© 2017 DESCO INDUSTRIES INC.
Employee Owned
2044 ECONOMY HEEL GROUNDER
926 JR Industrial Drive, Sanford, NC 27332
WEB SITE: StaticControl.com
PHONE (919) 718-0000
Specifications and procedures subject to change without notice.
Item
Description
2044
Economy Heel Grounder, 1 Megohm Resistor
Unless otherwise noted, tolerance ± 10%
Made in the
United States of America
Note: This product is not recommended for use on equipment with operating voltage
exceeding 250 VAC.
CAUTION: The ESD Series is for electrostatic control. It will not reduce or increase your
risk of receiving electric shock when using or working on electrical equipment. Follow the
same precautions you would use without wrist straps, including:
• Make certain that equipment having a grounding type plug is properly grounded.
• Make certain that you are not in contact with grounded objects other than through the
ESD Series.
Key:
A. Exterior layer made of conductive rubber to ground the operator via ESD flooring
B. Interior layer made of non-marring rubber that will not blemish shoes
C. 24" conductive ribbon
D. One megohm current limiting resistor
E. High visibility "yellow glow" hook and loop adjustable closure
F. Elastic material for comfort
Meets the requirements of ANSI/ESD S20.20.
Resistance Point to Groundable Point 1 x 106 < 1 x108 ohms per ESD SP9.2 & ESD TR53.


Similar Part No. - 2044.

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2044 3M-2044 Datasheet
139Kb / 2P
Economy Heel Grounder 2044
logo
Heyco.
2044 HEYCO-2044 Datasheet
133Kb / 1P
Snap Bushings
logo
Keystone Electronics Co...
2044 KEYSTONE-2044 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
logo
Mascot AS
2044 MASCOT-2044 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
SICK AG
2044042 SICK-2044042 Datasheet
266Kb / 4P
Plug connector cable
More results

Similar Description - 2044.

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1345TS PHILIPS-UDA1345TS Datasheet
126Kb / 28P
Economy audio CODEC
2000 Apr 18
logo
Tyco Electronics
2-382811-1 MACOM-2-382811-1 Datasheet
100Kb / 1P
ECONOMY SHUNT ASSEMBLY
logo
3M Electronics
2044 3M-2044 Datasheet
139Kb / 2P
Economy Heel Grounder 2044
logo
List of Unclassifed Man...
07502 ETC2-07502 Datasheet
76Kb / 1P
SOLE GROUNDER
17272 ETC2-17272 Datasheet
225Kb / 1P
Full Coverage Non-Marring Foot Grounder
17252 ETC2-17252 Datasheet
55Kb / 1P
FOOT GROUND, HEEL, 3-LAYER, NON-MARRING
BU-55 ETC2-BU-55 Datasheet
50Kb / 1P
Economy Clip
logo
TE Connectivity Ltd
416 TEC-416 Datasheet
593Kb / 2P
Economy Trimmers
logo
Beckhoff Automation Gmb...
CP32XX-0010 BECKHOFF-CP32XX-0010 Datasheet
154Kb / 6P
Economy Panel PC
logo
Bertech.
M1SHG BERTECH-M1SHG Datasheet
113Kb / 1P
ESD Heel Grounders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com