Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF37S114HTFJB.B Datasheet(PDF) 4 Page - Texas Instruments

Part # RF37S114HTFJB.B
Description  RF37S114 Tag-it™ HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm × 4 mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF37S114HTFJB.B Datasheet(HTML) 4 Page - Texas Instruments

  RF37S114HTFJB.B Datasheet HTML 1Page - Texas Instruments RF37S114HTFJB.B Datasheet HTML 2Page - Texas Instruments RF37S114HTFJB.B Datasheet HTML 3Page - Texas Instruments RF37S114HTFJB.B Datasheet HTML 4Page - Texas Instruments RF37S114HTFJB.B Datasheet HTML 5Page - Texas Instruments RF37S114HTFJB.B Datasheet HTML 6Page - Texas Instruments RF37S114HTFJB.B Datasheet HTML 7Page - Texas Instruments RF37S114HTFJB.B Datasheet HTML 8Page - Texas Instruments RF37S114HTFJB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
User data
(256 bits)
UID Number
(64 bits)
X
AFI
0x06
0x08
0x09
0x0A
Block
Address
0x00
0x01
0x02
32 bits
Lock
Bit
0x03
0x04
0x05
0x07
4
RF37S114
SCBS907 – NOVEMBER 2015
www.ti.com
Submit Documentation Feedback
Product Folder Links: RF37S114
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
(1)
✓ = Implemented, ✗ = Not applicable
4
Detailed Description
4.1
Supported Command Set
Table 4-1 summarizes the ISO/IEC 15693 mandatory and optional commands that are supported by this
transponder.
Table 4-1. Supported Command Set (ISO/IEC 15693 Mandatory and Optional Commands)
REQUEST
REQUEST MODE (1)
REQUEST
CODE
INVENTORY
ADDRESSED
NONADDRESSED
AFI
OPTIONAL
FLAG
Inventory
0x01
✓
✗
✗
✓
0/–
Stay Quiet
0x02
✗
✓
✗
✗
0/–
Read_Single_Block
0x20
✗
✓
✓
✗
–/1
Write_Single_Block
0x21
✗
✓
✓
✗
–/1
Lock_Block
0x22
✗
✓
✓
✗
–/1
4.2
Memory Organization
Figure 4-1 shows the organization of the user-accessible memory on this transponder.
Figure 4-1. Memory Organization



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com