Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCM
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCM Datasheet(HTML) 2 Page - Nichicon corporation

  PCM Datasheet HTML 1Page - Nichicon corporation PCM Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCM
Rated Voltage
(V)
(code)
Surge
Voltage
(V)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Initial
ESR (mΩ)
(20℃/100kHz)
Low temp.
ESR after
Endurance
(mΩ)
(−40℃ /100kHz)
Rated Ripple
(mArms)
(125℃ /100kHz)
Part Number
(
at 20℃ after
2 minutes
)
16
(1C)
20
120
6.3×6
0.08
57
36
72
1200
PCM1C121MCL1GS
220
■ 6.3×8
0.08
105
23
46
1700
PCM1C221MCL4GS
220
8×7
0.08
105
30
60
1500
PCM1C221MCL1GS
470
▲ 8×10
0.08
225
17
34
2400
PCM1C471MCL6GS
470
10×8
0.08
225
22
44
1900
PCM1C471MCL1GS
560
8×12
0.08
268
16
32
2700
PCM1C561MCL1GS
680
10×10
0.08
326
19
38
2300
PCM1C681MCL1GS
1000
10×12.7
0.08
480
13
26
2800
PCM1C102MCL1GS
20
(1D)
25
100
6.3×6
0.08
60
41
82
1200
PCM1D101MCL1GS
150
■ 6.3×8
0.08
90
25
50
1700
PCM1D151MCL4GS
150
8×7
0.08
90
39
78
1700
PCM1D151MCL1GS
330
▲ 8×10
0.08
198
19
38
2400
PCM1D331MCL6GS
330
10×8
0.08
198
23
46
2000
PCM1D331MCL1GS
470
8×12
0.08
282
18
36
2800
PCM1D471MCL1GS
560
10×10
0.08
336
20
40
2500
PCM1D561MCL1GS
680
10×12.7
0.08
408
14
28
3500
PCM1D681MCL1GS
25
(1E)
31
56
6.3×6
0.08
42
43
86
1200
PCM1E560MCL1GS
100
■ 6.3×8
0.08
75
27
54
1700
PCM1E101MCL4GS
100
8×7
0.08
75
41
82
1700
PCM1E101MCL1GS
220
▲ 8×10
0.08
165
20
40
2400
PCM1E221MCL6GS
220
10×8
0.08
165
24
48
2000
PCM1E221MCL1GS
270
8×12
0.08
202
19
38
2800
PCM1E271MCL1GS
330
10×10
0.08
247
20
40
2500
PCM1E331MCL1GS
470
10×12.7
0.08
352
15
30
3500
PCM1E471MCL1GS
35
(1V)
43
47
6.3×6
0.08
49
48
96
1200
PCM1V470MCL1GS
68
■ 6.3×8
0.08
71
31
62
1700
PCM1V680MCL4GS
68
8×7
0.08
71
44
88
1700
PCM1V680MCL1GS
150
▲ 8×10
0.08
157
22
44
2400
PCM1V151MCL6GS
150
10×8
0.08
157
25
50
2000
PCM1V151MCL1GS
220
8×12
0.08
231
21
42
2800
PCM1V221MCL1GS
270
10×10
0.08
283
20
40
2500
PCM1V271MCL1GS
330
10×12.7
0.08
346
16
32
3500
PCM1V331MCL1GS
50
(1H)
63
22
6.3×6
0.08
33
50
100
1000
PCM1H220MCL1GS
39
■ 6.3×8
0.08
58
36
72
1200
PCM1H390MCL4GS
39
8×7
0.08
58
45
90
1600
PCM1H390MCL1GS
82
▲ 8×10
0.08
123
26
52
2100
PCM1H820MCL6GS
82
10×8
0.08
123
34
68
2000
PCM1H820MCL1GS
120
△ 8×12
0.08
180
25
50
2500
PCM1H121MCL2GS
120
10×10
0.08
180
25
50
2500
PCM1H121MCL1GS
180
10×12.7
0.08
270
19
38
3200
PCM1H181MCL1GS
63
(1J)
79
12
6.3×6
0.08
22
51
102
1000
PCM1J120MCL1GS
22
■ 6.3×8
0.08
41
45
90
1200
PCM1J220MCL4GS
22
8×7
0.08
41
48
96
1600
PCM1J220MCL1GS
39
8×10
0.08
73
28
56
2100
PCM1J390MCL1GS
47
10×8
0.08
88
35
70
2000
PCM1J470MCL1GS
56
8×12
0.08
105
27
54
2500
PCM1J560MCL1GS
68
10×10
0.08
128
28
56
2500
PCM1J680MCL1GS
100
10×12.7
0.08
189
24
48
3200
PCM1J101MCL1GS
80
(1K)
100
12
6.3×8
0.08
28
50
100
1000
PCM1K120MCL1GS
27
8×10
0.08
64
38
76
1400
PCM1K270MCL1GS
39
8×12
0.08
93
35
70
1800
PCM1K390MCL1GS
47
10×10
0.08
112
33
66
1800
PCM1K470MCL1GS
68
10×12.7
0.08
163
28
56
2200
PCM1K680MCL1GS
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
Dimensions
No marked, 1 will be put at 12th digit of type numbering system.
: In this case, 2 will be put at 12th digit of type numbering system.
: In this case, 4 will be put at 12th digit of type numbering system.
: In this case, 6 will be put at 12th digit of type numbering system.
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com