Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAS Datasheet(PDF) 2 Page - Nichicon corporation

Part # UAS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UAS Datasheet(HTML) 2 Page - Nichicon corporation

  UAS Datasheet HTML 1Page - Nichicon corporation UAS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UAS
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/120Hz)
Part Number
(
at 20℃ after
1 minute
)
200
(2D)
33
10×20
0.15
364
160
UAS2D330MPD
47
10×25
0.15
476
195
UAS2D470MPD
47
12.5×20
0.15
476
195
UAS2D470MHD6
56
12.5×20
0.15
548
210
UAS2D560MHD
68
12.5×25
0.15
644
320
UAS2D680MHD
82
12.5×25
0.15
756
360
UAS2D820MHD
100
12.5×30.5
0.15
900
430
UAS2D101MHD
100
16×20
0.15
900
430
UAS2D101MHD6
150
16×25
0.15
1300
460
UAS2D151MHD
150
18×20
0.15
1300
460
UAS2D151MHD6
180
16×30.5
0.15
1540
600
UAS2D181MHD
180
18×25
0.15
1540
600
UAS2D181MHD6
220
18×30.5
0.15
1860
710
UAS2D221MHD
270
18×35.5
0.15
2260
890
UAS2D271MHD
330
18×40
0.15
2740
910
UAS2D331MHD
400
(2G)
22
12.5×20
0.15
452
165
UAS2G220MHD
27
12.5×25
0.15
532
200
UAS2G270MHD
33
16×20
0.15
628
225
UAS2G330MHD
39
16×25
0.15
724
255
UAS2G390MHD
39
18×20
0.15
724
255
UAS2G390MHD6
47
16×25
0.15
852
290
UAS2G470MHD
47
18×20
0.15
852
280
UAS2G470MHD6
56
16×30.5
0.15
996
340
UAS2G560MHD
56
18×25
0.15
996
320
UAS2G560MHD6
68
16×35.5
0.15
1188
385
UAS2G680MHD
68
18×25
0.15
1188
360
UAS2G680MHD6
82
16×40
0.15
1412
435
UAS2G820MHD
82
18×30.5
0.15
1412
430
UAS2G820MHD6
100
18×35.5
0.15
1700
490
UAS2G101MHD
120
18×40
0.15
2020
540
UAS2G121MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com