Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAS2D331MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UAS2D331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UAS2D331MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UAS2D331MHD Datasheet HTML 1Page - Nichicon corporation UAS2D331MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
200
400
Improved safety feature for abnormally excessive voltage.
High ripple current product.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
UAS WideTemperatureRange,MiniatureTypePermissible
Abnormal Voltage
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current ※
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Safety Performance
Marking
Printed with white color letter on dark brown sleeve.
Performance Characteristics
Item
–40 to +105°C
200V, 400V
22 to 330µF
± 20% at 120Hz, 20°C
Measurement frequency:120Hz at 20°C
Measurement frequency : 120Hz
After leaving capacitors under no load at 105°C for 1000 hours they shall meet the specified values for the endurance characteristics listed above.
The pressure relief vent will operate in normal conditions, with no dangerous conditons such as flames, ignitions or dispersion of pieces of the capacitor and / or case.
After 1 minute's application of rated voltage at 20°C, leakage current is 0.04CV+100 (µA) or less.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 2000 hours at 105°C, the peak
voltage shall not exceed the rated voltage.
Specifications
Rated voltage (V)
tan δ (max.)
200
0.15
400
0.15
Z(–25°C) / Z(+20°C)
Z(–40°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio (max.)
200
3
6
400
8
10
Capacitance change
Leakage current
tan δ
Within ±20% of the initial capacitance value
Less than or equal to the initial specified value
200% or less than the initial specified value
voltage (V)
Test conditions
Limited DC current
4A (5A : 330
µF)
2A (4A : 100µF or more)
Test Voltage
300VDC and 375VDC
500VDC and 600VDC
Frequency coefficient of rated ripple current
Frequency
Coefficient
50, 60Hz
120Hz
300Hz
1kHz
10kHz or more
0.80
1.00
1.25
1.40
1.60
Type numbering system (Example : 200V 220µF)
φD
P
10
5.0
φd
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
U
1
A
2
S
3
2
4
D
5
2
6
2
7
1
8
M
9
H
10
D
11
12
Configuration
Capacitance tolerance (±20%)
Rated capacitance (220µF)
Rated voltage (200V)
Series name
Type
Size code
In case L>25 for φ12.5 (D) case sizes,
lead diameter φ0.8 (d) will be applied.
φ D
10
Pb-free leadwire
Pb-free PET sleeve
PD
12.5 to 18
HD
Configuration
(mm)
L±2.0
15min.
4min.
Sleeve (PET)
φ d
Pressure
relief vent
Radial Lead Type
Dimension table in next page.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)
CAT.8100N


Similar Part No. - UAS2D331MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UAS2D331MHD NICHICON-UAS2D331MHD Datasheet
65Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UAS2D331MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com