Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3448-89140. Datasheet(PDF) 4 Page - 3M Electronics

Part # D3448-89140.
Description  .100” × .100” Latch/Ejector, Straight and Right Angle
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D3448-89140. Datasheet(HTML) 4 Page - 3M Electronics

  D3448-89140. Datasheet HTML 1Page - 3M Electronics D3448-89140. Datasheet HTML 2Page - 3M Electronics D3448-89140. Datasheet HTML 3Page - 3M Electronics D3448-89140. Datasheet HTML 4Page - 3M Electronics D3448-89140. Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Four-Wall Header
.100” × .100” Latch/Ejector, Straight and Right Angle
D3000 Series
TS-2245-F
Sheet 4 of 4
.321
[8.15]
.100 Dia
[2.54]
Polarizing Post
Note: Insert Post into one mounting hardware hole on
bottom of header. Set post to protrude .115” [2.92]
3 20 1 -4
L C P
B la c k
Polarizing Keys
.15
[3.8]
.09
[2.3]
A
Breakaway Tab
.34 Ref
[8.6]
Note: #2216 B/A Scotchweld can be used to adhere keys.
Dim A
N3518
LCP
Black
.02
3518
PBT
Gray
.02
Mounting Hardware
.31
[7.9]
.50
[12.7]
Panhead Thread Cutting Screw:
#4-24 X 5/16”
Type: USA Std BT, Federal BG
Hex Head Bolt, Nut and Washer
Bolt - #2-56 X 1/2”
3341-5
(Installed from bottom of board)
3341-6
(Must be inserted prior to latch on
vertical headers)
3341-5 & 6
Material - Stainless Steel
Polarizing Keys
N3518
LCP
Black
.02
Part Customization
This spec sheet details our standard offering.
3M has several capabilities that can provide a
part tailored to your specific needs. Ask your
3M sales representative or customer service for
more details.
• The -2 & -3 roll pin latches (may be ordered
separately with roll pins included)
• Snap-in style latch/ejectors in either short
(N3XXXX5XXX) or long (N3XXX-X6XX)
styles, may also be ordered separately, and are
functional and dimensional equivalents to the
-2 and -3 roll pin latches.
If ordering latches separately, please use the below chart
Short Latch
Long Latch
Latch Style
Color
High Temperature (PPA)
N3505-30B
N3505-31B
Snap In
Black
High Temperature (PCT)
N3505-2B
N3505-3B
Roll Pin
Black
• Selective pin removal (ATA or other compatability)
, Accessories



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com