Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82-6099-RFX Datasheet(PDF) 1 Page - Amphenol RF.

Part # 82-6099-RFX
Description  Panel Mount - 4 Hole Flange
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.

82-6099-RFX Datasheet(HTML) 1 Page - Amphenol RF.

  82-6099-RFX Datasheet HTML 1Page - Amphenol RF.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type N
Amphenol
®
Panel Mount - 4 Hole Flange
230
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Cable
Conn. Cable Attachment
Dimensions, inches (millimeters)
Notes
Mtg
Military
Amphenol
Fig
RG-/U
Type
Outer
Inner
a
b
c G
d
e
CAI Plt. Ins. Hole
Number
Number
55, 141, 142
Panel
Crimp
Crimp
1.56(39.7)I 1.00(25.4)
.220(5.6)
.576(14.6)
.125(3.2)
M C11 P15 D1
T
—
82-5372
2
55, 58, 141,
Panel
Clamp
Solder
1.50(38.1)
1.00(25.4)
.224(5.7)
.656(16.7)
.219(5.6)
M C8 P1 D1
T
UG-1095A/U
36250
1
8, 9, 87A,
144,165,213,
Panel
Clamp
Solder
1.56(39.7)
1.00(25.4)
.440(11.2)
—
—
C8
P1
D1
—
UG-23B/U
82-62
3
214,216,225
405 (.085) S/R
Panel
Solder
Solder
1.26(32.2)
1.00(25.4)
.086(2.2)
.736(18.7)
—
C9
P7
D1
T
—
82-6098-RFX
4
402 (.141) S/R
Panel
Solder
Solder
1.26(32.2)
1.00(25.4)
.141(3.6)
.736(18.7)
—
C9
P7
D1
T
—
82-6099-RFX
4
401 (.250) S/R
Panel
Solder
Solder
1.26(32.2)
1.00(25.4)
.250(6.35)
.736(18.7)
—
C9
P7
D1
T
—
82-6163
4
N PANEL JACKS
Fig. 1
82-5372
82-62
36250
82-6098-RFX
82-6099-RFX
82-6163
Fig. 2
Fig. 3
Fig. 4
.718(18.3)
.641(16.3)
.125(3.2)
dia. 4 holes
T
e
max.
panel
thick
c•
a
d
.718(18.3)
.641(16.3)
.125(3.2)
dia. 4 holes
T
c•
a
d
e
max.
panel
thick
b square
x .080(2.0) thk.
a
d
b
A


Similar Part No. - 82-6099-RFX

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
82-601-81 GRAYHILL-82-601-81 Datasheet
228Kb / 6P
Long, Stroke, Wiping Contact Lightable Modules
82-601-84 GRAYHILL-82-601-84 Datasheet
228Kb / 6P
Long, Stroke, Wiping Contact Lightable Modules
82-601-85 GRAYHILL-82-601-85 Datasheet
228Kb / 6P
Long, Stroke, Wiping Contact Lightable Modules
82-601-86 GRAYHILL-82-601-86 Datasheet
228Kb / 6P
Long, Stroke, Wiping Contact Lightable Modules
82-601-87 GRAYHILL-82-601-87 Datasheet
228Kb / 6P
Long, Stroke, Wiping Contact Lightable Modules
More results

Similar Description - 82-6099-RFX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
10-101949-8-S-8 GLENAIR-10-101949-8-S-8 Datasheet
183Kb / 1P
Square Flange Panel Mount
ITSG3126AFK GLENAIR-ITSG3126AFK Datasheet
757Kb / 2P
Square Flange Panel Mount Plug
logo
Winchester Electronics ...
SD360-065-0040H WINCHESTER-SD360-065-0040H Datasheet
46Kb / 1P
BMA 4-HOLE FLANGE MOUNT PLUG
logo
Tyco Electronics
1052624-1 MACOM-1052624-1 Datasheet
53Kb / 1P
OSM 4 HOLE FLANGE MOUNT JACK RECEPTABLE
logo
List of Unclassifed Man...
P672 ETC2-P672 Datasheet
101Kb / 1P
SMP MALE LIMITED DETENT SHROUD 2 HOLE FLANGE PANEL MOUNT
logo
Glenair, Inc.
ITS-3126-A GLENAIR-ITS-3126-A Datasheet
165Kb / 2P
Square Flange Panel Mount Plug
logo
Molex Electronics Ltd.
0731626001 MOLEX11-0731626001 Datasheet
41Kb / 1P
50 Ohms, 4.3-10 Panel Mount Jack, Straight, 4 Hole Flange, 42.42mm Length, Tray
0194290025 MOLEX1-0194290025_18 Datasheet
47Kb / 1P
MX150L 4 Circuit Panel Mount Plug for 14-22 AWG Wire, Through Hole Flange
0194290043 MOLEX1-0194290043_18 Datasheet
47Kb / 1P
MX150L 4 Circuit Panel Mount Plug for 14-22 AWG Wire, Through Hole Flange
0731626001 MOLEX-0731626001_V01 Datasheet
49Kb / 1P
50 Ohms, 4.3-10 Panel Mount Jack, Straight, 4 Hole Flange, 42.42mm Length, Tray
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com