Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V4L Datasheet(PDF) 2 Page - Saia-Burgess

Part # V4L
Description  Burgess switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

V4L Datasheet(HTML) 2 Page - Saia-Burgess

  V4L Datasheet HTML 1Page - Saia-Burgess V4L Datasheet HTML 2Page - Saia-Burgess V4L Datasheet HTML 3Page - Saia-Burgess V4L Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
36
Burgess switches
www.burgess-switch.com
burgess-switch@johnsonelectric.om
V4L
Specifications
Housing
Glass fibre reinforced polyamide (PA 6.6)
Plunger
Polyacetal (POM)
Mechanism
Snap-action coil spring mechanism with stainless steel spring. Change-over, normally closed or
normally open
Contact carrier
Brass. Moving contact beryllium-copper
Contacts
Fine silver or gold crosspoint
Terminals
V4L – solder tags V4LS – PVC covered leads 0.5 m long
Temperature range ºC –40°C to +85°C
Mechanical life
V4L 2 T 106 cycles/min., V4LS 2 T 105 cycles/min. (impact free actuation)
Protection
V4L series IP40, V4LS series IP6K7, with encapsulated terminals
Mounting
Side mounting to a flat surface
Actuators
Plain lever, ice break lever, stainless steelPlain lever, ice break lever, stainless steel
Cowl
Silicon elastomer
Circuit diagram
Dimensions
COMMON
(black)
NORMALLY
CLOSED
(grey)
NORMALLY
OPEN
(blue)
Recommended maximum electrical ratings
Voltage
Resistive load
Motor load
Approval
(max)
(A)
(A)
V4LST7 250 VAC
5 (0,75 pf)
UL 1054/CSA 22,2 No. 55–6,000 operations – 65°C
250 VAC
5
2
EN61058-1, T55, 50,000 operations
0–15 VDC
5
3
General rating – 50,000 operations (85°C)
15–30 VAC
5
3
General rating – 50,000 operations (85°C)
V4LS 250 VAC
5 (0,75 pf)
UL 1054/CSA 22,2 No. 55–6,000 operations – 65°C
250 VAC
5
2
EN61058-1, T55, 50,000 operations
0–15 VDC
3
3
General rating – 50,000 operations (85°C)
15–30 VAC
3
3
General rating – 50,000 operations (85°C)
NC grey
COM black
NO blue



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com