Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54AC00 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54AC00
Description  RAD-TOLERANT, QUADRUPLE 2-INPUT POSITIVE-NAND GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54AC00 Datasheet(HTML) 3 Page - Texas Instruments

  SN54AC00 Datasheet HTML 1Page - Texas Instruments SN54AC00 Datasheet HTML 2Page - Texas Instruments SN54AC00 Datasheet HTML 3Page - Texas Instruments SN54AC00 Datasheet HTML 4Page - Texas Instruments SN54AC00 Datasheet HTML 5Page - Texas Instruments SN54AC00 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN54AC00-DIE
www.ti.com
SCHS391A – APRIL 2013 – REVISED NOVEMBER 2013
Table 1. Bond Pad Coordinates in Microns
DESCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
1A
1
96.25
510.5
201.25
615.5
1B
2
95
94
200
199
1Y
3
508
94
613
199
2A
4
1149
94
1254
199
2B
5
1562
94
1667
199
2Y
6
1841.5
145.5
1946.5
250.5
GND
7
1841.5
445.5
1946.5
550.5
3Y
8
1841
783
1946
888
3A
9
1750.5
991
1855.5
1096
3B
10
1176.5
991
1281.5
1096
4Y
11
921
991
1026
1096
4A
12
736
991
841
1096
4B
13
95
991
200
1096
VCC
14
102.5
692
207.5
797
xxx
REVISION HISTORY
Changes from Original (April 2013) to Revision A
Page
•
Changed bare die diagram ................................................................................................................................................... 2
•
Changed Bond Pad Coordinates .......................................................................................................................................... 3
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54AC00-DIE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com