Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54AC00 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54AC00
Description  SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54AC00 Datasheet(HTML) 2 Page - Texas Instruments

  SN54AC00 Datasheet HTML 1Page - Texas Instruments SN54AC00 Datasheet HTML 2Page - Texas Instruments SN54AC00 Datasheet HTML 3Page - Texas Instruments SN54AC00 Datasheet HTML 4Page - Texas Instruments SN54AC00 Datasheet HTML 5Page - Texas Instruments SN54AC00 Datasheet HTML 6Page - Texas Instruments SN54AC00 Datasheet HTML 7Page - Texas Instruments SN54AC00 Datasheet HTML 8Page - Texas Instruments SN54AC00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Bare Die Information....................................................... 3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 Recommended Operating Conditions.........................4
6.3 Thermal Information....................................................5
6.4 Electrical Characteristics.............................................5
6.5 Switching Characteristics, VCC = 3.3 V....................... 6
6.6 Switching Characteristics, VCC = 5 V.......................... 6
6.7 Operating Characteristics........................................... 6
7 Parameter Measurement Information............................ 7
8 Device and Documentation Support..............................8
8.1 Receiving Notification of Documentation Updates......8
8.2 Support Resources..................................................... 8
8.3 Trademarks.................................................................8
8.4 Electrostatic Discharge Caution..................................8
8.5 Glossary......................................................................8
9 Mechanical, Packaging, and Orderable Information.... 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (October 2015) to Revision C (April 2022)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Removed SEU from the Features section.......................................................................................................... 1
• Changed SEL immune to 86 MeV×cm2/mg........................................................................................................1
Changes from Revision A (December 2013) to Revision B (February 2015)
Page
• Added KGD package information ...................................................................................................................... 1
• Added Device and Documentation Support section and Mechanical, Packaging, and Orderable Information
section ............................................................................................................................................................... 1
• Added Bare Die Information, image, and Bond Pad Coordinates in Microns .................................................... 3
• Added parameter information for KGD to Section 6.5 and Section 6.6 ............................................................. 6
Changes from Revision * (October 2008) to Revision A (December 2013)
Page
• Changed Features bullets...................................................................................................................................1
• Deleted Ordering Information table.....................................................................................................................1
SN54AC00-SP
SCHS367C – OCTOBER 2008 – REVISED APRIL 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN54AC00-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com