Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC08VTDF1 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54HC08VTDF1
Description  RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-AND GATES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC08VTDF1 Datasheet(HTML) 3 Page - Texas Instruments

  SN54HC08VTDF1 Datasheet HTML 1Page - Texas Instruments SN54HC08VTDF1 Datasheet HTML 2Page - Texas Instruments SN54HC08VTDF1 Datasheet HTML 3Page - Texas Instruments SN54HC08VTDF1 Datasheet HTML 4Page - Texas Instruments SN54HC08VTDF1 Datasheet HTML 5Page - Texas Instruments SN54HC08VTDF1 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN54HC08-DIE
www.ti.com
SCLS734 – JUNE 2013
Table 1. Bond Pad Coordinates in Microns
DESCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
1A
1
166.5
413.1
267.3
513.9
1B
2
166.5
155.7
267.3
256.5
1Y
3
504.9
155.7
605.7
256.5
2A
4
645.3
155.7
746.1
256.5
2B
5
902.7
155.7
1003.5
256.5
2Y
6
1097.1
299.7
1197.9
400.5
GND
7
1097.1
440.1
1197.9
540.9
3Y
8
1097.1
580.5
1197.9
681.3
3A
9
1090.8
888.3
1191.6
989.1
3B
10
834.3
888.3
935.1
989.1
4Y
11
693.9
888.3
794.7
989.1
4A
12
375.3
888.3
476.1
989.1
4B
13
166.5
888.3
267.3
989.1
VCC
14
166.5
632.7
267.3
733.5
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54HC08-DIE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com