Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65EPT21 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65EPT21
Description  3.3-V Differential PECL/LVDS to TTL Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65EPT21 Datasheet(HTML) 3 Page - Texas Instruments

  SN65EPT21 Datasheet HTML 1Page - Texas Instruments SN65EPT21 Datasheet HTML 2Page - Texas Instruments SN65EPT21 Datasheet HTML 3Page - Texas Instruments SN65EPT21 Datasheet HTML 4Page - Texas Instruments SN65EPT21 Datasheet HTML 5Page - Texas Instruments SN65EPT21 Datasheet HTML 6Page - Texas Instruments SN65EPT21 Datasheet HTML 7Page - Texas Instruments SN65EPT21 Datasheet HTML 8Page - Texas Instruments SN65EPT21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN65EPT21
www.ti.com
SLLS970 – NOVEMBER 2009
PECL DC CHARACTERISTICS
At VCC = 3.3 V, GND = 0.0 V (unless otherwise noted)
(1) (2)
TA = –40°C
TA = 25°C
TA = 85°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VIH
High-level input voltage,
2075
2420
2075
2420
2075
2420
mV
single-ended
VIL
Low-leveI input voltage,
1355
1675
1355
1675
1355
1675
mV
single-ended
VBB
Output reference voltage
1910
2009
2160
1910
2034
2160
1910
2026
2160
mV
VIHCM
High-level input voltage,
See (3)
1.2
3.3
1.2
3.3
1.2
3.3
V
R
common-mode range,
differential
IIH
High-level input current
150
150
150
μA
IIL
Low-level input current
-150
-150
-150
μA
(1)
The device will meet the specifications after thermal balance has been established when mounted in a socket or printed circuit board
with maintained transverse airflow greater than 500 lfpm. Electrical parameters are assured only over the declared operating
temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are
applied individually under normal operating conditions and not valid simultaneously.
(2)
Input parameters vary 1:1 with VCC.
(3)
VIHCMR(min) varies 1:1 with GND, VIHCMR(max) varies 1:1 with VCC. VIHCMR range is referenced to the most positive side of the differential
input signal
TTL DC CHARACTERISTICS
At VCC = 3.3 V, GND = 0.0, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICCH
Power supply current
Output is HIGH
5
9
20
mA
ICCL
Power supply current
Output is LOW
8
7.5
26
mA
VOH
High-level output voltage
IOH = –3.0 mA
2.4
3.05
V
VOL
Low-level output voltage
IOL = 24 mA
0.32
0.5
V
IOS
Output short circuit current
–180
–100
–80
mA
(1)
The device will meet the specifications after thermal balance has been established when mounted in a socket or printed circuit board
with maintained transverse airflow greater than 500 lfpm. Electrical parameters are assured only over the declared operating
temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are
applied individually under normal operating conditions and not valid simultaneously.
AC CHARACTERISTICS
At VCC = 3.0 V to 3.6 V, GND = 0.0 V (unless otherwise noted)
(1) (2)
TA = –40°C
TA = 25°C
TA = 85°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fMAX
Maximum switching
300
300
300
MHz
frequency
(Figure 1–Figure 3)
tPLH
Propagation delay
At 1.5 V
1000
1394
1800
1000
1444
1800
1000
1481
1800
ps
tPHL
Propagation delay
At 1.5 V
1000
1140
1900
1000
1280
1900
1000
1421
1900
ps
tJITTER
Random clock jitter (RMS)
2.25
5
3.2
5
3.4
5
ps
tSKEW
Duty Cycle Skew(3)
94
250
78
250
62
250
ps
tSKPP
Part-to-Part Skew(3)
500
500
500
ps
VPP
Input swing
See (4)
150
1200
150
1200
150
1200
mV
tr/tf
Output rise/fall times
Q, Q (0.8V - 2.0V))
250
500
900
250
500
900
250
500
900
ps
(1)
The device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are assured only over the declared operating
temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are
applied individually under normal operating conditions and not valid simultaneously.
(2)
RL = 500 Ω to GND and CL = 20 pF to GND. See Figure 4. Measured with 750mV, 50% duty cycle clock source
(3)
Skews are measured between outputs under identical transitions
(4)
VPP(min) is minimum input swing for which ac parameters are assured.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65EPT21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com