Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM560JRZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADM560JRZ
Description  Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM560JRZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM560JRZ Datasheet HTML 2Page - Analog Devices ADM560JRZ Datasheet HTML 3Page - Analog Devices ADM560JRZ Datasheet HTML 4Page - Analog Devices ADM560JRZ Datasheet HTML 5Page - Analog Devices ADM560JRZ Datasheet HTML 6Page - Analog Devices ADM560JRZ Datasheet HTML 7Page - Analog Devices ADM560JRZ Datasheet HTML 8Page - Analog Devices ADM560JRZ Datasheet HTML 9Page - Analog Devices ADM560JRZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM560/ADM561
Rev. B | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
6
0
3000
3
1
500
2
0
5
4
2500
2000
1500
1000
LOAD CAPACITANCE (pF)
20kbps
80kbps
160kbps
TA = 25°C
VCC = 3.3V
4 TRANSMITTERS LOADED
WITH RL = 5kΩ || CL
C1 TO C4 = 1µF
Figure 4. Transmitter Output Voltage High vs. Load Capacitance
6.25
4.75
5
5.25
0
5.75
34
2
1
| IOUT | (mA)
TA = 25°C
C1 TO C4 = 1µF
VCC = 3.3V
TRANSMITTERS UNLOADED
TOUT LOW
TOUT HIGH
Figure 5. Transmitter Output Voltage vs. Load Current
10.5
3.5
5.5
5.5
2.5
7.5
6.5
8.5
9.5
5.0
4.5
4.0
3.5
3.0
4.5
VCC (V)
TA = 25°C
C1 TO C4 = 1µF
TRANSMITTERS LOADED
WITH 5kΩ || 2500pF
1 TRANSMITTER
LOADED
4 TRANSMITTERS
LOADED
Figure 6. Transmitter Output Voltage High vs. VCC
0
–6
3000
–3
–5
500
–4
0
–1
–2
2500
2000
1500
1000
LOAD CAPACITANCE (pF)
80kbps
160kbps
20kbps
TA = 25°C
VCC = 3.3V
4 TRANSMITTERS LOADED
WITH RL = 5kΩ || CL
C1 TO C4 = 1µF
Figure 7. Transmitter Output Voltage Low vs. Load Capacitance
45
0
3000
500
2500
2000
1500
1000
LOAD CAPACITANCE (pF)
40
35
30
25
20
15
10
5
3 TRANSMITTERS
LOADED
4 TRANSMITTERS
LOADED
Figure 8. Transmitter Slew Rate vs. Load Capacitance
–3
–10
5.5
–7
–9
3.0
–8
2.5
–4
–6
–5
5.0
4.5
4.0
3.5
VCC (V)
4 TRANSMITTERS
LOADED
1 TRANSMITTER
LOADED
TA = 25°C
C1 TO C4 = 1µF
TRANSMITTERS LOADED
WITH 5kΩ || 2500pF
Figure 9. Transmitter Output Voltage Low vs. VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com