Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVF Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # CVF
Description  This specification applies to – CIMXX0A6- Header
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

CVF Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  CVF Datasheet HTML 1Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCOPE: This specification applies to
– CIMXX0A6- Header
SPECIFICATIONS:
Number of poles: 2
– 13
Sides configuration: Side Stackable
Pitch: 10.16 mm
Voltage: 600V
Current: 15A
Wire section: 0.05 - 2.5 mm2
Available approvals: UL, VDE, IMQ, CSA
Screw dimensions: NA
Insertion force per pole: max. 3 N
Withdrawal force per pole: min. 1,5 N
PCB thickness: max. 2.4 mm
Operating temperature range: - 40°C to +105°C
Contact resistance: <15 mOhm
Insulation resistance: >1 GOhm
Terminal contact: Nickel and tin on copper alloy
Insulating housing material: PA polyamide
Color: Green (Standard)
DIMENSIONS:
THE INFORMATION DISCLOSED HEREIN WAS ORIGINATED BY AND
IS THE PROPERTY OF BLOCKMASTER ELECTRONICS INC. AND
EXCEPT FOR USE EXPRESSLY GRANTED TO THE UNITED STATES
GOVERNMENT BLOCKMASTER ELECTRONICS INC.RESERVES ALL
PATENT PROPRIETARY DESIGN, USE, SALE, MANUFACTURING AND
PRODUCTION RIGHTS THERETO. THIS DOES NOT APPLY TO
VENDOR.
Date:
6/11/2017
Header
Drawing Number:
CIMXX0A6
All dimensions are in MM unless otherwise specified
BlockMaster Electronics
1400 Howard Street
Elk Grove Village, IL. 60007
Toll Free: 800-595-8881 FAX: 847-956-1690
www.blockmaster.com
BlockMaster
Confidential and
Proprietary
Mates with:
CIF series
CVF series
CCF series


Similar Part No. - CVF

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
CVF BLOCKMASTER-ELECTRONICS-CVF Datasheet
178Kb / 1P
This specification applies to – CIMXX0A1- Header
6/11/2017
CVF BLOCKMASTER-ELECTRONICS-CVF Datasheet
211Kb / 1P
This specification applies to – CIMXX0A2- Header
6/11/2017
CVF BLOCKMASTER-ELECTRONICS-CVF Datasheet
180Kb / 1P
This specification applies to – CIMXX0A3- Header
6/11/2017
CVF BLOCKMASTER-ELECTRONICS-CVF Datasheet
179Kb / 1P
This specification applies to – CIMXX0A5- Header
6/11/2017
CVF BLOCKMASTER-ELECTRONICS-CVF Datasheet
179Kb / 1P
This specification applies to – CIMXX0A7- Header
6/11/2017
More results

Similar Description - CVF

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-0503 SOBERTON-ST-0503_17 Datasheet
367Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-1411 SOBERTON-ST-1411_17 Datasheet
345Kb / 4P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
logo
Shanghai Leiditech Elec...
UW21T-900M-N LEIDITECH-UW21T-900M-N Datasheet
842Kb / 6P
This specification applies to CUW FILTER
AWCU00453226513TT2 LEIDITECH-AWCU00453226513TT2 Datasheet
665Kb / 6P
This specification applies to CUW FILTER
CUW43T-513T-AU LEIDITECH-CUW43T-513T-AU Datasheet
593Kb / 6P
This specification applies to CUW FILTER
LWCU00452522142Y00 LEIDITECH-LWCU00452522142Y00 Datasheet
980Kb / 8P
This specification applies to BWCU FILTER
LUW0904T-471-N LEIDITECH-LUW0904T-471-N Datasheet
317Kb / 4P
This specification applies to LUW FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com