Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C96KC Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM53C96KC
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KC Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM53C96KC Datasheet HTML 50Page - Advanced Micro Devices AM53C96KC Datasheet HTML 51Page - Advanced Micro Devices AM53C96KC Datasheet HTML 52Page - Advanced Micro Devices AM53C96KC Datasheet HTML 53Page - Advanced Micro Devices AM53C96KC Datasheet HTML 54Page - Advanced Micro Devices AM53C96KC Datasheet HTML 55Page - Advanced Micro Devices AM53C96KC Datasheet HTML 56Page - Advanced Micro Devices AM53C96KC Datasheet HTML 57Page - Advanced Micro Devices AM53C96KC Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
P R E L I M I N A R Y
AMD
54
Am53C94/Am53C96
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
132
tPD
REQ
to
ACKC
Delay
43
ns
133
tPD
REQ
to
ACKC
Delay
47
ns
128
tS
Data to
ACKC
Set Up Time
55
ns
129
tPD
REQ
to Data Delay
80
ns
130
tPD
REQ
to
ACKC
Delay
46
ns
131
tPD
REQ
to
ACKC
Delay
55
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
REQ
ACKC
Asynchronous Initiator Receive
SDC 7–0
SDCP
Asynchronous Initiator Send
129
132
133
REQ
ACKC
128
130
131
16505C-47
16505C-48
Note:
There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com