Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-HC2 Datasheet(PDF) 25 Page - Metcal

Part # PS-HC2
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

PS-HC2 Datasheet(HTML) 25 Page - Metcal

Back Button PS-HC2 Datasheet HTML 21Page - Metcal PS-HC2 Datasheet HTML 22Page - Metcal PS-HC2 Datasheet HTML 23Page - Metcal PS-HC2 Datasheet HTML 24Page - Metcal PS-HC2 Datasheet HTML 25Page - Metcal PS-HC2 Datasheet HTML 26Page - Metcal PS-HC2 Datasheet HTML 27Page - Metcal PS-HC2 Datasheet HTML 28Page - Metcal PS-HC2 Datasheet HTML 29Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
22
.33"
.016"
8.4mm
0.4mm
.54"
0.4mm
.016"
13.7mm
.63"
.016"
16.0mm
0.4mm
.58"
.016"
14.7mm
0.4mm
.30"
.20"
5.0mm
7.6mm
.45"
.20"
5.0mm
11.4mm
.15"
.
.85"
3.8mm
21.6mm
1
.34"
.12"
8.6mm
3.0mm
.47"
.06"
1.5mm
11.9mm
21.8mm
.05"
.86"
1.3mm
.08"
.70"
17.8mm
2.0mm
.48"
.07"
12.2mm
1.78mm
.04"
.53"
13.5mm
1.0mm
.39"
.04"
1.0mm
9.9mm
.02"
.60"
0.5mm
15.2mm
1.78mm
.39"
.07"
9.9mm
.66"
.04"
16.7mm
1.0mm
.39"
.07"
1.78mm
9.9mm
.07"
14.2mm
60
∞
1.78mm
.56"
.46"
.07"
30
∞
1.78mm
11.7mm
.17"
.05"
30
∞
1.3mm
4.3mm
9.1mm
.04"
30
∞
.36"
1.0mm
.18"
0.5mm
.02"
4.6mm
.02"
.19"
0.5mm
4.8mm
.57"
.02"
14.5mm
0.5mm
.36"
.04"
1.0mm
9.1mm
.07"
.63"
1.78mm
16.0mm
.08"
.17"
4.3mm
2.03mm
STANDARD SOLDERING CARTRIDGES Frequently used geometries
Soldering & Rework Cartridges
STTC-125*
Chisel30°
1.0mm(.04̎)
STTC-103*
Chisel90°
3.0mm(.12̎)
STTC-141*
Chisel30°
1.3mm(.05̎)
STTC-120
LongReachChisel12°
3.8mm(.15̎)
STTC-142
LongReachChisel60°
1.78mm(.07̎)
STTC-198
ChiselBent30°
1.78mm(.07̎)
STTC-199
ChiselBent30°
1.5mm(.06̎)
STTC-165
LargeChisel
5.0mm(.20̎)
STTC-117*
ExtraLargeChisel
5.0mm(.20̎)
STTC-112
Conical
2.3mm(.08̎)
STTC-106
ConicalSharp
0.4mm(.16̎)
STTC-132
ConicalSharp
1.78mm(.07̎)
STTC-102
ConicalSharp
1.78mm(.07̎)
STTC-101
ConicalSharp
1.0mm(.04̎)
STTC-131
ConicalSharp
1.0mm(.04̎)
STTC-143*
ConicalSharp
0.5mm(.02̎)
STTC-183
ConicalGrooved
2.0mm(.08̎)
STTC-140*
SharpBent30°
0.4mm(.016̎)
STTC-144*
SharpBent30°
0.5mm(.02̎)
STTC-145
Conical
0.4mm(.016̎)
STTC-147
Bevel60°
1.78mm(.07̎)
STTC-111
Conical
0.5mm(.02̎)
STTC-116*
Conical
0.5mm(.02̎)
STTC-107
ConicalSharp
1.0mm(.04̎)
STTC-122
ConicalSharp
0.4mm(.16̎)
STTC-105
Bevel30°
1.78mm(.07̎)
STTC-115
Bevel30°
1.3mm(.05̎)
STTC-124
Bevel30°
1.0mm(.04̎)
for Metcal MX-500 Series
1
=700Seriesformoststandardapplications.0=600seriesand5=500seriesalsoavailablefortemperaturesensitiveapplications.
8
=800Seriesforceramicapplications,onlyavailablefor*.Toordertheseseries,replace1witheither0,5or8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com