Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2CG Datasheet(PDF) 42 Page - Metcal

Part # WS2CG
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS2CG Datasheet(HTML) 42 Page - Metcal

Back Button WS2CG Datasheet HTML 38Page - Metcal WS2CG Datasheet HTML 39Page - Metcal WS2CG Datasheet HTML 40Page - Metcal WS2CG Datasheet HTML 41Page - Metcal WS2CG Datasheet HTML 42Page - Metcal WS2CG Datasheet HTML 43Page - Metcal WS2CG Datasheet HTML 44Page - Metcal WS2CG Datasheet HTML 45Page - Metcal WS2CG Datasheet HTML 46Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
.
39
Component Stenciling Templates
OKInternationalhasdesignedauniquetool,Component
StencilingTemplates,forprintingontheundersideof
components.Thiseasyprocedureisdesignedforuseon
PBGA,CBGA,CSPballeddevicesaswellasLandGrid
Array(LGA)components.Thisisanidealprocessforsmall
componentsandsituationswheretraditionalstencilaccess
islimitedbythecloseproximityofadjacentcomponents.
Dip Transfer
Thisprocessinvolvesdippingacomponentintogelflux,
depositinganexactamountofflux.Thisprocessisquick,
consistentandclean,andnegatestheneedtocleanafter
reflow.Availableforbothsolderballedandleadeddevices.
Allkitsaresuppliedwithametalspatula.
Tape Feeder
Pickingupsmallsurfacemountcomponents
withtweezersisnotpracticalandmay
damagethecomponent.Thisisauniqueway
ofpresentingsmallcomponentstoarework
machine.
Nozzles
Acomprehensiverangeofstandardreflow
nozzlesavailabletosuitthemostcommon
arraypackagesisavailable.Thereflow
nozzleworkswithvacuumpickup,the
tweezernozzleworkswithdeviceswith
limitedareaormultilayerstructureby
providingmechanicaltweezeractionpickup
insteadofvacuumpickupe.g.PoP,sockets,
connectors,inductors,potentiometersand
through-holecomponents.
Part No.
Description
APR-NK
APR-5000NozzleKit(*Includes1ofeach)
APR-NK-CSP
APR-5000CSPandMicroSMDNozzleKit(**Includes1ofeach)
NZA-555-555-CGA
APRReflowNozzle
55.5mmx55.5mm(columngridarraynozzle)
NZA-470-470-CGA
APRReflowNozzle
47mmx47mm(columngridarraynozzle)
NZA-355-455-CGA
APRReflowNozzle
35.5mmx45.5mm(columngridarraynozzle)
NZA-350-350-CGA
APRReflowNozzle
35mmx35mm(columngridarraynozzle)
NZA-490-490*
APRReflowNozzle
49mmx49mm
NZA-450-450
APRReflowNozzle
45mmx45mm
NZA-400-400*
APRReflowNozzle
40mmx40mm
NZA-350-350*
APRReflowNozzle
35mmx35mm
NZA-300-300
APRReflowNozzle
30mmx30mm
NZA-270-270
APRReflowNozzle
27mmx27mm
NZA-250-290
APRReflowNozzle
25mmx29mm
NZA-230-230*
APRReflowNozzle
23mmx23mm
NZA-200-200**
APRReflowNozzle
20mmx20mm
NZA-180-180***
APRReflowNozzle
18mmx18mm
NZA-150-150**
APRReflowNozzle
15mmx15mm
NZA-130-130***
APRReflowNozzle
13mmx13mm
NZA-100-100***
APRReflowNozzle
10mmx10mm
NZA-080-095***
APRReflowNozzle
8mmx9.5mm
NZA-080-080**
APRReflowNozzle
8mmx8mm
NZA-060-060***
APRReflowNozzle
6mmx6mm
NZA-030-ROUND
APRReflowNozzle
3mmIDround
NZA-TW-180-180
APRTweezerNozzle
18mmx18mm
NZA-TW-150-150
APRTweezerNozzle
15mmx15mm
NZA-TW-130-130
APRTweezerNozzle
13mmx13mm
NZA-TW-100-100
APRTweezerNozzle
10mmx10mm
NZA-TW-080-080
APRTweezerNozzle
8mmx8mm
NZA-TW-060-060
APRTweezerNozzle
6mmx6mm
(***includedinbothkits)
Part No.
Description
BST-169
169FullMatrixArray
BST-225
225FullMatrixArray
BST-256
256FullMatrixArray
BST-226P
256PerimeterArray
BST-256FP
256Fine-PitchFullMatrixArray
BST-272P+16
272PerimeterArrayWith16Inner
BST-303
303FullMatrixArray
BST-324
324FullMatrixArray
BST-352P
352PerimeterArray
BST-357
357FullMatrixArray
BST-492
492FullMatrixArray
CST-46
46BallMicroBGA
BRP-LDA16A
NSCLLP16PinDualIn-Line
BRP-LQA16A
NSCLLP16PinQuad
BRP-LQA24A
NSCLLP24PinQuad
BRP-LQA44A
NSCLLP44PinQuad
Part No.
Description
DTP-BGA
Setof3plates,apertures28,35&45mm,depth
0.012"(0.30mm)
DTP-CSP
Setof3plates,apertures10,16&21mm,depth
0.006"(0.15mm)
DTBK-USMD
Kit,uSMDFluxTransferBlocks,setof2blocks,depth
0.003"(0.08mm)and0.004"(0.10mm)
DTBK-FC
Kit,FlipChipFluxTransferBlocks,setof2blocks,
depth0.001"(0.025mm)and0.002"(0.051mm)
Part No.
Description
TF-1T
TapeFeeder,MicroSMDwiththumbwheel
TF-2T
TapeFeeder,0603and0402withthumbwheel
TF-3T
TapeFeeder,0201withthumbwheel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com