Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 71 Page - SPANSION

Part # S29GL032A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 71 Page - SPANSION

Back Button S29GL032A_07 Datasheet HTML 67Page - SPANSION S29GL032A_07 Datasheet HTML 68Page - SPANSION S29GL032A_07 Datasheet HTML 69Page - SPANSION S29GL032A_07 Datasheet HTML 70Page - SPANSION S29GL032A_07 Datasheet HTML 71Page - SPANSION S29GL032A_07 Datasheet HTML 72Page - SPANSION S29GL032A_07 Datasheet HTML 73Page - SPANSION S29GL032A_07 Datasheet HTML 74Page - SPANSION S29GL032A_07 Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 95 page
background image
September 10, 2007 S29GL-A_00_A11
S29GL-A
71
Data
She e t
14. Test Conditions
Figure 14.1 Test Setup
Note
Diodes are IN3064 or equivalent.
15. Key to Switching Waveforms
Figure 15.1 Input Waveforms and Measurement Levels
Table 14.1 Test Specifications
Test Condition
All Speeds
Unit
Output Load
1 TTL gate
Output Load Capacitance, CL
(including jig capacitance)
30
pF
Input Rise and Fall Times
5ns
Input Pulse Levels
0.0 or VCC
V
Input timing measurement reference levels
0.5 VCC
V
Output timing measurement reference levels
0.5 VCC
V
2.7 k
Ω
CL
6.2 k
Ω
3.3 V
Device
Under
Test
Waveform
Inputs
Outputs
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High Z)
VCC
0.0 V
Output
Measurement Level
Input
0.5 VCC
0.5 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com