Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCS Datasheet(HTML) 2 Page - Nichicon corporation

  UCS Datasheet HTML 1Page - Nichicon corporation UCS Datasheet HTML 2Page - Nichicon corporation UCS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UCS
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
1 minute
)
160
(2C)
10
10×16
0.20
164
320
 UCS2C100MPD
22
10×20
0.20
240.8
500
 UCS2C220MPD
33
10×20
0.20
311.2
650
 UCS2C330MPD
47
10×20
0.20
400.8
750
 UCS2C470MPD
68
12.5×20
0.20
535.2
1180
 UCS2C680MHD
82
12.5×20
0.20
624.8
1275
 UCS2C820MHD
100
12.5×25
0.20
740
1420
 UCS2C101MHD
100
16×20
0.20
740
1420
 UCS2C101MHD6
150
16×20
0.20
1060
1890
 UCS2C151MHD
220
16×25
0.20
1508
2370
 UCS2C221MHD
330
18×30.5
0.20
2212
3130
 UCS2C331MHD
200
(2D)
10
10×16
0.20
180
320
 UCS2D100MPD
22
10×20
0.20
276
500
 UCS2D220MPD
33
10×20
0.20
364
650
 UCS2D330MPD
47
12.5×20
0.20
476
980
 UCS2D470MHD
68
12.5×20
0.20
644
1300
 UCS2D680MHD
82
16×20
0.20
756
1380
 UCS2D820MHD
100
16×20
0.20
900
1420
 UCS2D101MHD
150
16×25
0.20
1300
1890
 UCS2D151MHD
220
18×25
0.20
1860
2365
 UCS2D221MHD
330
18×35.5
0.20
2740
3220
 UCS2D331MHD
250
(2E)
10
10×20
0.20
200
350
 UCS2E100MPD
22
10×20
0.20
320
500
 UCS2E220MPD
33
12.5×20
0.20
430
800
 UCS2E330MHD
47
12.5×20
0.20
570
980
 UCS2E470MHD
68
16×20
0.20
780
1300
 UCS2E680MHD
82
16×20
0.20
920
1380
 UCS2E820MHD
100
16×25
0.20
1100
1530
 UCS2E101MHD
150
18×25
0.20
1600
1940
 UCS2E151MHD
220
18×30.5
0.20
2300
3130
 UCS2E221MHD
350
(2V)
6.8
10×16
0.24
195.2
280
 UCS2V6R8MPD
10
10×20
0.24
240
350
 UCS2V100MPD
22
12.5×20
0.24
408
650
 UCS2V220MHD
33
16×20
0.24
562
900
 UCS2V330MHD
47
16×20
0.24
758
1080
 UCS2V470MHD
68
16×25
0.24
1052
1400
 UCS2V680MHD
68
18×20
0.24
1052
1375
 UCS2V680MHD6
82
18×25
0.24
1248
1530
 UCS2V820MHD
100
18×25
0.24
1500
1575
 UCS2V101MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
CAT.8100N



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com