Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL0J331MCL6GS Datasheet(PDF) 3 Page - Nichicon corporation

Part # UCL0J331MCL6GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCL0J331MCL6GS Datasheet(HTML) 3 Page - Nichicon corporation

  UCL0J331MCL6GS Datasheet HTML 1Page - Nichicon corporation UCL0J331MCL6GS Datasheet HTML 2Page - Nichicon corporation UCL0J331MCL6GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UCL
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
2 minutes
)
25
(1E)
10
4×5.8
0.14
3
0.85
160
UCL1E100MCL1GS
22
5×5.8
0.14
5.5
0.36
240
UCL1E220MCL1GS
33
5×5.8
0.14
8.25
0.36
240
UCL1E330MCL6GS
33
6.3×5.8
0.14
8.25
0.26
300
UCL1E330MCL1GS
47
6.3×5.8
0.14
11.75
0.26
300
UCL1E470MCL1GS
68
6.3×5.8
0.14
17
0.26
300
UCL1E680MCL1GS
100
6.3×7.7
0.14
25
0.16
600
UCL1E101MCL1GS
100
8×6.2
0.14
25
0.18
500
UCL1E101MCL6GS
150
8×10
0.14
37.5
0.08
850
UCL1E151MNL1GS
150
10×7.7
0.14
37.5
0.10
850
UCL1E151MCL6GS
220
8×10
0.14
55
0.08
850
UCL1E221MNL1GS
220
10×7.7
0.14
55
0.10
850
UCL1E221MCL6GS
330
8×10
0.14
82.5
0.08
850
UCL1E331MNL1GS
470
10×10
0.14
117.5
0.06
1190
UCL1E471MNL1GS
560
10×10
0.14
140
0.08
850
UCL1E561MNL1GS
680
10×13.5
0.14
170
0.06
1190
UCL1E681MNL1GS
35
(1V)
10
4×5.8
0.12
3.5
0.85
160
UCL1V100MCL6GS
10
5×5.8
0.12
3.5
0.36
240
UCL1V100MCL1GS
22
5×5.8
0.12
7.7
0.36
240
UCL1V220MCL1GS
33
6.3×5.8
0.12
11.55
0.26
300
UCL1V330MCL1GS
47
6.3×5.8
0.12
16.45
0.26
300
UCL1V470MCL1GS
68
6.3×7.7
0.12
23.8
0.16
600
UCL1V680MCL1GS
100
6.3×7.7
0.12
35
0.16
600
UCL1V101MCL6GS
100
8×10
0.12
35
0.08
850
UCL1V101MNL1GS
150
8×10
0.12
52.5
0.08
850
UCL1V151MNL1GS
150
10×7.7
0.12
52.5
0.10
850
UCL1V151MCL6GS
220
8×10
0.12
77
0.08
850
UCL1V221MNL1GS
220
10×7.7
0.12
77
0.10
850
UCL1V221MCL6GS
330
10×10
0.12
115.5
0.06
1190
UCL1V331MNL1GS
390
10×10
0.12
136.5
0.08
850
UCL1V391MNL1GS
470
10×13.5
0.12
164.5
0.06
1190
UCL1V471MNL1GS
50
(1H)
100
8×10
0.10
50
0.18
670
UCL1H101MNL1GS
220
10×10
0.10
110
0.12
900
UCL1H221MNL1GS
Dimensions
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com