Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UES Datasheet(PDF) 2 Page - Nichicon corporation

Part # UES
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UES Datasheet(HTML) 2 Page - Nichicon corporation

  UES Datasheet HTML 1Page - Nichicon corporation UES Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UES
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Part Number
(
at 20℃ after
1 minute
)
16
(1C)
47
8×11.5
0.16
22.56
UES1C470MPM
100
10×12.5
0.16
48
UES1C101MPM
220
10×20
0.16
105.6
UES1C221MPM
330
12.5×20
0.16
158.4
UES1C331MHM
470
12.5×25
0.16
225.6
UES1C471MHM
1000
16×25
0.16
480
UES1C102MHM
25
(1E)
33
8×11.5
0.16
24.75
UES1E330MPM
47
10×12.5
0.16
35.25
UES1E470MPM
100
10×16
0.16
75
UES1E101MPM
220
12.5×25
0.16
165
UES1E221MHM
330
12.5×25
0.16
247.5
UES1E331MHM
470
16×25
0.16
352.5
UES1E471MHM
1000
16×30.5
0.16
750
UES1E102MHM
35
(1V)
22
8×11.5
0.14
23.1
UES1V220MPM
33
10×12.5
0.14
34.65
UES1V330MPM
47
10×12.5
0.14
49.35
UES1V470MPM
100
10×20
0.14
105
UES1V101MPM
220
12.5×25
0.14
231
UES1V221MHM
330
16×25
0.14
346.5
UES1V331MHM
470
16×25
0.14
493.5
UES1V471MHM
50
(1H)
10
8×11.5
0.12
15
UES1H100MPM
22
10×12.5
0.12
33
UES1H220MPM
33
10×16
0.12
49.5
UES1H330MPM
47
10×20
0.12
70.5
UES1H470MPM
100
12.5×25
0.12
150
UES1H101MHM
220
16×25
0.12
330
UES1H221MHM
330
16×30.5
0.12
495
UES1H331MHM
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com