Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCX1C331M Datasheet(PDF) 1 Page - Nichicon corporation

Part # UCX1C331M
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCX1C331M Datasheet(HTML) 1 Page - Nichicon corporation

  UCX1C331M Datasheet HTML 1Page - Nichicon corporation UCX1C331M Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Black print on the case top.
Marking
Capacitance Change
Leakage current
tan δ
Within ±10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
UCX
UCZ
High
Temperature
Specifications
Performance Characteristics
Item
Category Temperature Range
–40 to +135°C
Rated Voltage Range
10 to 50V
Rated Capacitance Range
47 to 3300μF
± 20% at 120Hz, 20°C
Capacitance Tolerance
Measurement frequency : 120Hz
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 2000 hours at 135°C.
Rated voltage (V)
tan δ (max.)
10
0.30
16
0.23
25
0.18
Measurement frequency : 120Hz at 20°C
Capacitance Change
Leakage current
tan δ
Within ± 30% of the initial capacitance value
Less than or equal to the initial specified value
300% or less than the initial specified value
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
The capacitors shall be kept on the hot plate for 30 seconds,
which is maintained at 250°C. The capacitors shall meet the
characteristic requirements listed at right when they are
removed from the plate and restored to 20°C.
After storing the capacitors under no load at 135°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Shelf Life
Resistance to
soldering heat
After 2 minutes' application of rated voltage at 20°C, leakage current is not more than 0.01CV (
μA).
For capacitance of more than 1000μF, add 0.02 for every increase of 1000μF. (φ12.5 to φ18)
Z(–40°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio
(max.)
10
12
16
8
25
6
35
4
50
4
35
0.16
50
0.16
Type numbering system (Example : 35V 47μF)
ALUMINUM ELECTROLYTIC CAPACITORS
Dimension table in next page.
Frequency
Coefficient
50Hz
0.35
120Hz
0.50
300Hz
0.64
1kHz
0.83
10kHz or more
1.00
●
Frequency coefficient of rated ripple current
※ I : Leakage Current (μA), C : Rated Capacitance (μF), V : Rated Voltage (V)
U
1
C
2
X
3
1
4
V
5
4
6
7
7
0
8
M
9
10 11
Capacitance tolerance (20%)
Rated capacitance (47
µF)
Rated voltage (35V)
C L
12
1
13 14
G S
Size code
Taping code
Series name
Type
Chip Type
Configuration
φ
L 1.0
0.3 max.
H
Negative
Positive
Trade mark
Voltage
Plastic platform
Series
Capacitance
Lot No.
Pressure
relief vent
C 0.2
H
Negative
Positive
Trade mark
Voltage
Series
Capacitance
Lot No.
C 0.2
Plastic platform
Pressure
relief vent
0.3 max.
L 1.0
φ6.3 to 10
φ12.5 to 18
GS
MS
Positive
Negative
H
C 0.2
Series
Capacitance
Voltage( V : 35V )
Lot No.
0.3 max.
L 1.0
Plastic platform
φ6.3 × 10 : Vibration resistant type only
Lot No.
H
Plastic platform
0.3max.
C 0.2
Positive
Negative
L 0.5
Series
Capacitance
Trade mark
Voltage( V : 35V )
,
Lot No.
Series
Capacitance
Trade mark
Voltage( V : 35V )
H
0.3 max.
C 0.2
L 1.0
Plastic platform
Negative
Positive
,
Code
Size
Configuration
Standard
Code
CS(φ10 or less)
NS(φ12.5 or more)
Vibration Resistance
CL(φ10 or less)
NJ(φ12.5 or more)
Configuration
※ Not recommended.
Chip type, high temperature range, for +135°C use.
Added ESR specification after the test at -40°C.
Applicable to automatic mounting machine fed with carrier tape.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
AEC-Q200 Qualified. Please contact us for details.
UCX ChipType,HighReliability
Low temperature ESR specification
■ Specifications
Item
Performance Characteristics
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Marking
Black print on the case top.
Tangent of loss angle (tan
δ)
Measurement frequency : 120Hz, Temperature : 20
C
Rated voltage (V)
10
0.30
16
0.23
25
0.18
35
0.16
tan (MAX.)
Stability at Low Temperature
Measurement frequency : 120
Hz
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.) Z–40C / Z+20C
10
12
16
8
25
6
35
4
Endurance
Resistance to
soldering heat
Shelf Life
Capacitance Change
tan δ
Leakage current
Within 30% of the initial capacitance value
300% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance Change
tan δ
Leakage current
Within 10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
After storing the capacitors under no load at 135C for 1000 hours and then performing voltage treatment based on JIS C 5101-4 clause
4.1 at 20C, they shall meet the specified values for the endurance characteristics listed above.
U
1
C
2
X
3
1
4
V
5
4
6
7
7
0
8
M
9
10 11
Capacitance tolerance (±20%)
Rated capacitance (47µF)
Rated voltage (35V)
C L
12
1
13 14
G S
Size code
Package code
Series name
Type
Radial Lead Type
Configuration
Configuration
Standard
Code
L
Vibration Resistance
S
Configuration
Lot No.
H
Plastic platform
0.3MAX.
C 0.2
Positive
Negative
L 0.5
Series
Capacitance
Trade mark
Voltage( V : 35V )
Lot No.
Series
Capacitance
Trade mark
Voltage( V : 35V )
Rated Voltage
V
Code
10
A
16
C
25
E
35
V
H
C 0.2
H
0.3 MAX.
C 0.2
L 1.0
Plastic platform
Aid electrode
Series
Capacitance
Voltage( V : 35V )
Lot No.
A
B
C
E
L
H
10×10
3.2
10.3
10.3
4.5
10
0.8 to 1.1
8×10
2.9
8.3
8.3
3.1
10
0.8 to 1.1
φ
D×L
(mm)
Standard
A
B
C
E
L
H
8×10
2.9
8.3
8.3
3.1
10
1.1 to 1.5
6.3×10
2.4
6.6
6.6
2.2
10.8
0.5 to 0.8
10×10
3.2
10.3
10.3
4.5
10
1.1 to 1.5
φ
D×L
(mm)
Vibration Resistance
0.3 MAX.
L 1.0
Plastic platform
φ
φ
φ
φ
φ
Value marked with an ※ in the dimension table are scheduled
to be discontinued and are not recommended for new designs.
CAT.8100N


Similar Part No. - UCX1C331M

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCX1VG470MCL1GS NICHICON-UCX1VG470MCL1GS Datasheet
101Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCX1C331M

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com