Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCX1E331M Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCX1E331M
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCX1E331M Datasheet(HTML) 2 Page - Nichicon corporation

  UCX1E331M Datasheet HTML 1Page - Nichicon corporation UCX1E331M Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UCX
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
ESR(Ω)max.
(20℃/-40℃/100kHz)
Rated Ripple
(mArms)
(135℃/100kHz)
Part Number
(
at 20℃ after
2 minutes
)
Initial
20℃
Initial
-40℃
after
endurance test
1000hours
-40℃
10
(1A)
220
8×10
0.30
22
0.20
3.00
12
270
 UCX1A221M□□1GS
330
8×10
0.30
33
0.20
3.00
12
270
 UCX1A331M□□6GS
330
10×10
0.30
33
0.15
2.00
10
500
 UCX1A331M□□1GS
470
10×10
0.30
47
0.15
2.00
10
500
 UCX1A471M□□1GS
16
(1C)
100
6.3×10
0.23
16
0.25
4.00
15
197
※UCX1C101MCS6GS
100
8×10
0.23
16
0.20
3.00
12
270
 UCX1C101M□□1GS
220
8×10
0.23
35.2
0.20
3.00
12
270
 UCX1C221M□□1GS
330
10×10
0.23
52.8
0.15
2.00
10
500
 UCX1C331M□□1GS
470
10×10
0.23
75.2
0.15
2.00
10
500
 UCX1C471M□□1GS
25
(1E)
100
8×10
0.18
25
0.20
3.00
12
270
 UCX1E101M□□1GS
220
10×10
0.18
55
0.15
2.00
10
500
 UCX1E221M□□1GS
330
10×10
0.18
82.5
0.15
2.00
10
500
 UCX1E331M□□1GS
820
12.5×13.5
0.18
205
0.070
1.00
5.0
750
 UCX1E821M□□1MS
1000
12.5×13.5
0.18
250
0.070
1.00
5.0
750
 UCX1E102M□□1MS
1200
16×16.5
0.18
300
0.050
0.50
2.5
1200
 UCX1E122M□□1MS
1500
16×16.5
0.18
375
0.050
0.50
2.5
1200
 UCX1E152M□□1MS
1800
16×16.5
0.18
450
0.050
0.50
2.5
1200
 UCX1E182M□□1MS
2200
18×16.5
0.20
550
0.050
0.50
2.5
1400
 UCX1E222M□□1MS
2700
16×21.5
0.20
675
0.040
0.32
1.6
1900
 UCX1E272M□□1MS
3300
18×21.5
0.22
825
0.035
0.28
1.4
2200
 UCX1E332M□□1MS
35
(1V)
47
6.3×10
0.16
16.45
0.25
4.00
15
197
※UCX1V470MCS6GS
47
8×10
0.16
16.45
0.20
3.00
12
270
 UCX1V470M□□1GS
68
8×10
0.16
23.8
0.20
3.00
12
270
 UCX1V680M□□1GS
100
6.3×10
0.16
35
0.25
4.00
15
197
※UCX1V101MCS6GS
100
8×10
0.16
35
0.20
3.00
12
270
 UCX1V101M□□1GS
220
10×10
0.16
77
0.15
2.00
10
500
 UCX1V221M□□1GS
470
12.5×13.5
0.16
164.5
0.070
1.00
5.0
750
 UCX1V471M□□1MS
560
12.5×13.5
0.16
196
0.070
1.00
5.0
750
 UCX1V561M□□1MS
680
12.5×13.5
0.16
238
0.070
1.00
5.0
750
 UCX1V681M□□1MS
820
16×16.5
0.16
287
0.050
0.50
2.5
1200
 UCX1V821M□□1MS
1000
16×16.5
0.16
350
0.050
0.50
2.5
1200
 UCX1V102M□□1MS
1200
18×16.5
0.16
420
0.050
0.50
2.5
1400
 UCX1V122M□□1MS
1500
16×21.5
0.16
525
0.040
0.32
1.6
1900
 UCX1V152M□□6MS
1500
18×16.5
0.16
525
0.050
0.50
2.5
1400
 UCX1V152M□□1MS
1800
18×21.5
0.16
630
0.035
0.28
1.4
2200
 UCX1V182M□□1MS
2200
18×21.5
0.18
770
0.035
0.28
1.4
2200
 UCX1V222M□□1MS
50
(1H)
47
8×10
0.16
23.5
0.25
3.50
15
270
 UCX1H470M□□1GS
100
10×10
0.16
50
0.20
2.50
12
500
 UCX1H101M□□1GS
390
12.5×13.5
0.16
195
0.090
1.30
6.5
750
 UCX1H391M□□1MS
470
16×16.5
0.16
235
0.070
0.70
3.5
1000
 UCX1H471M□□1MS
560
16×16.5
0.16
280
0.070
0.70
3.5
1000
 UCX1H561M□□1MS
680
18×16.5
0.16
340
0.070
0.70
3.5
1200
 UCX1H681M□□1MS
820
18×16.5
0.16
410
0.070
0.70
3.5
1200
 UCX1H821M□□1MS
1000
16×21.5
0.16
500
0.050
0.40
2.0
1600
 UCX1H102M□□1MS
1200
18×21.5
0.16
600
0.040
0.32
1.6
1900
 UCX1H122M□□1MS
□□ : Enter the appropriate configuration code.
■
Dimensions
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com