Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLM-SHX. Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # PCLM-SHX.
Description  Connector Accessories For Ceramic and Three-Pin Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PCLM-SHX. Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  PCLM-SHX. Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G-24
G
Connector Accessories
For Ceramic and Three-Pin Connectors
HACL panel mounting
bracket
HTCL safety clip, pkg of 10,
swings into place
Safety Clips
Model No.
Compatible Connectors
HTCL
NHX, UHX, NHXH, UHXH
Ordering Example: 1 package HTCL, safety clips for NHX, UHX,
NHXH and UHXH connectors.
To Order
Model No.
Compatible Connectors
PCLM-NHX
NHX, UHX, NHXH, UHXH
PCLM
NOX, UOX, OTP
PCLM-NMP
NMP
PCLM-MTP
MTP
Ordering Example: PCLM-NHX, cable clamp for NHX, UHX,
NHXH, and UHXH connectors.
Cable Clamps
A
Ordering Example: BB-NHX-CR188-100,
Pkg of 100 crimp style brass bushing for 0.188 Dia. probe.
PCLM cable
clamp
X-BRLK tube
clamp
Model No.
Compatible Connectors
X-BRLK-(*)-NHX
NHX, UHX, NHXH, UHXH
X-BRLK-(*)
NOX, UOX
Tube Clamps
*Insert probe diameter: “116” for 1
⁄16", “18” for 1⁄8", “316” for 3⁄16",
or “
14” for 1
⁄4".
Ordering Example: X-BRLK-316, 3
⁄16" tube clamp for NOX, UOX,
and OTP connector.
Compresses around
tube diameter
“
A” Dimension–
Spacing
Model
Compatible
Between Screws Screw
No.
Connectors
(mm)
(inch) Sizes
HACL
NHX, UHX,
34.9
13⁄8
6-32
NHXH, UHXH
XACL
NOX, UOX
34.9
13⁄8
6-32
SHACL
SHX, USHX
27.8
13⁄32
6-32
MTACL
MTP
29.6
111⁄64
3-48
Ordering Example: HACL, panel mount bracket for NHX, UHX,
NHXH and UHXH connector.
Panel Mounting Brackets
1-10 ....................................
Net
11-49 ...................................
5%
50-99 .................................
10%
100-999 .............................
15%
1000-4999 .........................
20%
5000 and over....................
25%
Discount Schedule
Visit omega.com/hightemp_stnd_con_acc
for Pricing and Details


Similar Part No. - PCLM-SHX.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCLM-SHX ETC-PCLM-SHX Datasheet
202Kb / 2P
Connector Accessories For Miniature Size Connectors
More results

Similar Description - PCLM-SHX.

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370-024 GLENAIR-370-024 Datasheet
691Kb / 3P
PowerTrip Connectors and Accessories
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
Connectors and Accessories
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
Connectors and Accessories
970-003 GLENAIR-970-003 Datasheet
327Kb / 2P
PowerTrip Connectors and Accessories
970-005 GLENAIR-970-005 Datasheet
382Kb / 2P
PowerTrip Connectors and Accessories
970-006 GLENAIR-970-006 Datasheet
506Kb / 2P
PowerTrip Connectors and Accessories
970-007 GLENAIR-970-007 Datasheet
495Kb / 2P
PowerTrip Connectors and Accessories
970-009 GLENAIR-970-009 Datasheet
371Kb / 2P
PowerTrip Connectors and Accessories
970-010 GLENAIR-970-010 Datasheet
304Kb / 2P
PowerTrip Connectors and Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com