Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WG-MPB Datasheet(PDF) 3 Page - Comus International

Part # WG-MPB
Description  Solid state relay module boards
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

WG-MPB Datasheet(HTML) 3 Page - Comus International

  WG-MPB Datasheet HTML 1Page - Comus International WG-MPB Datasheet HTML 2Page - Comus International WG-MPB Datasheet HTML 3Page - Comus International WG-MPB Datasheet HTML 4Page - Comus International WG-MPB Datasheet HTML 5Page - Comus International WG-MPB Datasheet HTML 6Page - Comus International WG-MPB Datasheet HTML 7Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Comus International Bvba
Overhaamlaan 40
3700 Tongeren, Belgium
Phone: +32 12390400
Fax: +32 12235754
Email: info@comus.be
www.comus.be
Solid State Relays
Datasheet WG M-PB
www.comus.be
Page 3
Rev. 1 ECN 07042501
Comus International, Belgium : + 32 (0)12 390 400, USA : + 1 973 777 6900 - Assemtech, UK : +44 (0) 1255 862 236
Features
Applications Solid state relay module boards
Remarks
- The module boards are supplied without solid state relays
or miniature fuses
- SP : common ground version (pin 4)
- Easy-to-change fuses
- LED status identification
- Screwless mounting with mini-modules
Technical data
WG M-PB ...
4 SP
8 SP
General data
Voltage drop at the LED
2V
Ambient temperature
-30...+40 °C
Storage temperature
-25...+85 °C
IDC header DIN 41651
———–
10 pole
Miniature fuse holder
5 x 20 mm
Wire range, finely stranded/single core
0.5 mm2 - 2.5 mm2 / 0.5 mm2 - 4 mm2 / 22 - 12 AWG
Mounting rail
TS 32 or TS 35
Location of mounting rail
horizontal
Accessories
Output Modules :
WG MODC24
WG MODC24A
WG MOAC24A
3-32 V / 3-60 V
3-32 V / 5-200 V
18-32 V / 24-280 V
Solid State Relays :
WG A8 6D 03 R/Z
WG F8 xxx
3-32 V / 24-280 V
3-32 V / 1-400 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com