Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FETA7000ST Datasheet(PDF) 17 Page - COSEL CO., LTD.

Part # FETA7000ST
Description  FETA-series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

FETA7000ST Datasheet(HTML) 17 Page - COSEL CO., LTD.

Back Button FETA7000ST Datasheet HTML 11Page - COSEL CO., LTD. FETA7000ST Datasheet HTML 12Page - COSEL CO., LTD. FETA7000ST Datasheet HTML 13Page - COSEL CO., LTD. FETA7000ST Datasheet HTML 14Page - COSEL CO., LTD. FETA7000ST Datasheet HTML 15Page - COSEL CO., LTD. FETA7000ST Datasheet HTML 16Page - COSEL CO., LTD. FETA7000ST Datasheet HTML 17Page - COSEL CO., LTD. FETA7000ST Datasheet HTML 18Page - COSEL CO., LTD. FETA7000ST Datasheet HTML 19Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Installation Method
¡
Screw mounting requires considering the product weight for safety
fixtures.
¡
To keep enough insulation distance between screws and internal
components, length of the mounting screw should not exceed rec-
ommendation as shown in right figure.
¡
The power supplies have a built-in forced cooling fan. Do notblock ventilation at the suction side and its opposite side.
* Reverse airflow option (-F2) is available for FETA2500BA. Refer to Instruction manual.
¡
If you use a power supply in a dusty environment, it can cause a failure. Please consider taking such countermeasures as installing an air
filter near the suction area of the system to prevent a failure.
¡
When mounting the power supply with screws, it is recommended that this be done as shown below.
If other methods are used, be sure the weight of the power supply is taken into account.
a
Chassis of
FETA series
Chassis of
customer system
Mounting Screw
Model
Mounting hole a (Max penetration length)
FETA2500BA, 3000BA,
3000BC
Bottom
6mm max
Side
4.5mm max
FETA7000T, 7000ST
Side
15mm max
¿
FETA2500BA, 3000BA, 3000BC
(a) Front side(b) Rear side
Intake opening
Exhaust opening
Air flow
Air flow
30mm min
30mm min
FETA2500BA, 3000BA, 3000BC
¿
FETA7000T, 7000ST
(a) Front side
(b) Rear side
Air flow
Air flow
Intake opening
Exhaust opening
30mm min
30mm min
FETA7000T, 7000ST
Intake
opening
Exhaust
opening
-V
+V
Input
-V
+V
-V
+V
(A)(B)
(C)
Fixed screw (3 pcs.)
Fixed screw
(3 pcs.)
Fixed screw (2 pcs.)
Fixed screw (2 pcs.)
(a)
(b)
Fixed screw (6 pcs.)
Fixed screw (6 pcs.)
-V
+V
Input
Fixed screw
(6 pcs.)
Fixed screw
(6 pcs.)
¿
FETA2500BA, 3000BA, 3000BC
¿
FETA7000T, 7000ST
FETA-17
FETA-series
Assembling and Installation Method
July 13, 2023
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com