Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS-FER-1/4 Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # SS-FER-1/4
Description  STANDARD DIMENSION DE OMEGA ADAPTORS AND REDUCING RUSHINGS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

SS-FER-1/4 Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  SS-FER-1/4 Datasheet HTML 1Page - Omega Engineering, Inc. SS-FER-1/4 Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C-8
C
To Order
Protection
Metric Protection Tube/NPT Thread
Metric Protection Tube/ BSP Taper Thread
Metric Protection Tube/ BSP Parallel Thread
Tube
Male
Th’d
Brass
316 Stainless Steel
Th’d
Brass
316 Stainless Steel
Th’d
Brass
316 Stainless Steel
OD
Th’s
Type
Model No.
Model No.
Type
Model No.
Model No.
Type
Model No.
Model No.
1.5 mm
1⁄8
NPT
BRlK-M15-18
SSlK-M15-18
BSPT
BRlK-M15-18T
SSlK-M15-18T
BSPP
BRlK-M15-18P
SSlK-M15-18P
3.0 mm
1⁄8
NPT
BRlK-M30-18
SSlK-M30-18
BSPT
BRlK-M30-18T
SSlK-M30-18T
BSPP
BRlK-M30-18P
SSlK-M30-18P
4.5 mm
1⁄8
NPT
BRlK-M45-18
SSlK-M45-18
BSPT
BRlK-M45-18T
SSlK-M45-18T
—
N/A
N/A
6.0 mm
1⁄8
NPT
BRlK-M60-18
SSlK-M60-18
BSPT
BRlK-M60-18T
SSlK-M60-18T
—
N/A
N/A
3.0 mm
1⁄4
NPT
BRlK-M30-14
SSlK-M30-14
BSPT
BRlK-M30-14T
SSlK-M30-14T
BSPP
BRlK-M30-14P
SSlK-M30-14P
4.5 mm
1⁄4
NPT
BRlK-M45-14
SSlK-M45-14
BSPT
BRlK-M45-14T
SSlK-M45-14T
—
N/A
N/A
6.0 mm
1⁄4
NPT
BRlK-M60-14
SSlK-M60-14
BSPT
BRlK-M60-14T
SSlK-M60-14T
BSPP
BRlK-M60-14P
SSlK-M60-14P
8.0 mm
1⁄4
NPT
BRlK-M80-14
SSlK-M80-14
BSPT
BRlK-M80-14T
SSlK-M80-14T
—
N/A
N/A
3.0 mm
3⁄8
—
N/A
SSlK-M30-38
—
N/A
SSlK-M30-38T
—
N/A
SSlK-M30-38P
6.0 mm
3⁄8
NPT
BRlK-M60-38
SSlK-M60-38
BSPT
BRlK-M60-38T
SSlK-M60-38T
BSPP
BRlK-M60-38P
SSlK-M60-38P
3.0 mm
1⁄2
—
N/A
SSlK-M30-12
BSPT
BRlK-M30-12T
SSlK-M30-12T
BSPP
BRlK-M30-12P
SSlK-M30-12P
4.5 mm
1⁄2
—
N/A
SSlK-M45-12
BSPT
BRlK-M45-12T
SSlK-M45-12T
BSPP
BRlK-M45-12P
SSlK-M45-12P
6.0 mm
1⁄2
NPT
BRlK-M60-12
SSlK-M60-12
BSPT
BRlK-M60-12T
SSlK-M60-12T
BSPP
BRlK-M60-12P
SSlK-M60-12P
8.0 mm
1⁄2
NPT
BRlK-M80-12
SSlK-M80-12
BSPT
BRlK-M80-12T
SSlK-M80-12T
—
N/A
N/A
Note: PFA can only be used with stainless steel compression fittings.
Ordering Examples: BRLK-M30-18, brass 1
⁄8 NPT thread compression fitting for 3.0 mm protection tube OD.
BRLK-M60-18, compression fitting.
metriC omeGaLoK®
CompreSSion FittinGS
FOR MeTRiC PROBeS AND PROTeCTiON TUBeS
metriC thread
adaptorS
CONveRT iMPeRiAl AND MeTRiC THReADS
Brass
Stainless
Steel
Ordering Examples: MTA1-1/8-1/8-BR, brass 1
⁄8 NPT female to 1⁄8-28 BSPT male.
MTA-1-1/8-1/8-SS, stainless steel thread adaptor.
* ISO 228/1, BS 2779.
To Order
FeMAle
MAle
FlATS
leNgTH
BRASS
STAiNleSS STeel
NPT
BSPT*
mm
mm
MODel NO.
MODel NO.
1
⁄8
1
⁄8 -28
14
27.7
MTA1-1/8-1/8-BR
MTA1-1/8-1/8-SS
1
⁄4
1
⁄4 -19
19
36.1
MTA1-1/4-1/4-BR
MTA1-1/4-1/4-SS
3
⁄8
3
⁄8 -19
22
38.1
MTA1-3/8-3/8-BR
MTA1-3/8-3/8-SS
1
⁄2
1
⁄2 -14
27
49.3
MTA1-1/2-1/2-BR
MTA1-1/2-1/2-SS
3
⁄4
3
⁄4 -14
34
51.3
MTA1-3/4-3/4-BR
MTA1-3/4-3/4-SS
1
1-11
41
58.4
MTA1-1-1-BR
MTA1-1-1-SS
BSPT*
NPT
1
⁄4 -19
1
⁄4
19
36.3
MTA2-1/4-1/4-BR
MTA2-1/4-1/4-SS
3
⁄8 -19
3
⁄8
22
38.4
MTA2-3/8-3/8-BR
MTA2-3/8-3/8-SS
1
⁄2 -14
1
⁄2
27
49.8
MTA2-1/2-1/2-BR
MTA2-1/2-1/2-SS
NPT
BSPP
1
⁄8
1
⁄8 -28
14
25.1
–
MTA3-1/8-1/8-SS
1
⁄4
1
⁄4 -19
19
33.5
MTA3-1/4-1/4-BR
MTA3-1/4-1/4-SS
3
⁄8
3
⁄8 -19
22
35.8
MTA3-3/8-3/8-BR
MTA3-3/8-3/8-SS
1
⁄2
1
⁄2 -14
27
44.2
MTA3-1/2-1/2-BR
MTA3-1/2-1/2-SS
3
⁄4
3
⁄4 -14
34
48.0
MTA3-3/4-3/4-BR
MTA3-3/4-3/4-SS
1
1 -11
41
53.3
MTA3-1-1-BR
MTA3-1-1-SS
BSPP
NPT
1
⁄4 -19
1
⁄4
19
27.4
MTA4-1/4-1/4-BR
MTA4-1/4-1/4-SS
3
⁄8 -19
3
⁄8
22
32.3
MTA4-3/8-3/8-BR
MTA4-3/8-3/8-SS
1
⁄2 -14
1
⁄2
27
41.9
MTA4-1/2-1/2-BR
MTA4-1/2-1/2-SS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com