Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60R04W Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH60R04W
Description  Ultrafast recovery diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60R04W Datasheet(HTML) 3 Page - STMicroelectronics

  STTH60R04W Datasheet HTML 1Page - STMicroelectronics STTH60R04W Datasheet HTML 2Page - STMicroelectronics STTH60R04W Datasheet HTML 3Page - STMicroelectronics STTH60R04W Datasheet HTML 4Page - STMicroelectronics STTH60R04W Datasheet HTML 5Page - STMicroelectronics STTH60R04W Datasheet HTML 6Page - STMicroelectronics STTH60R04W Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STTH60R04
Characteristics
3/7
Figure 1.
Conduction losses versus
average current
Figure 2.
Forward voltage drop versus
forward current
P(W)
0
20
40
60
80
100
0
10203040
50607080
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
IF(AV)(A)
I
FM(A)
0
20
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
T
J=150°C
(Maximum values)
T
J=150°C
(Maximum values)
T
J=150°C
(Typical values)
T
J=150°C
(Typical values)
T
J=25°C
(Maximum values)
T
J=25°C
(Maximum values)
VFM(V)
Figure 3.
Relative variation of thermal
impedance junction to case
versus pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values)
Zth
(j-c)/Rth(j-c)
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
DO-247
tp(s)
I
RM(A)
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
10
100
1000
I
F= 60A
V
R=320V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
Figure 5.
Reverse recovery time versus
dIF/dt (typical values)
Figure 6.
Reverse recovery charges versus
dIF/dt (typical values)
t
RR(ns)
0
20
40
60
80
100
120
140
160
10
100
1000
I
F= 60A
V
R=320V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
Q
RR(nC)
0
100
200
300
400
500
600
700
800
10
100
1000
I
F= 60 A
V
R=320V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com