Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2X Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC18F2X
Description  Large Memory, Highly Integrated 8-Bit General Purpose Flash Microcontrollers Product Brief
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2X Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC18F2X Datasheet HTML 9Page - Microchip Technology PIC18F2X Datasheet HTML 10Page - Microchip Technology PIC18F2X Datasheet HTML 11Page - Microchip Technology PIC18F2X Datasheet HTML 12Page - Microchip Technology PIC18F2X Datasheet HTML 13Page - Microchip Technology PIC18F2X Datasheet HTML 14Page - Microchip Technology PIC18F2X Datasheet HTML 15Page - Microchip Technology PIC18F2X Datasheet HTML 16Page - Microchip Technology PIC18F2X Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
RH3
56
—
—
—
—
—
—
—
—
—
—
—
—
—
—
VDD
10, 38
—
—
—
—
—
—
—
—
—
—
—
—
—
—
VSS
9, 41
—
—
—
—
—
—
—
—
—
—
—
—
—
—
OUT(2)
—
ADGRDA
ADGRDB
—
C1OUT
C2OUT
C3OUT
—
SDO1
SCK1
SDO2
SCK2
TX1/CK1(3)
DT1(3)
TX2/CK2(3)
DT2(3)
TX3/CK3(3)
DT3(3)
TX4/CK4(3)
DT4(3)
TX5/CK5(3)
DT5(3)
DSM
TMR0
—
CCP1
CCP2
CCP3
CCP4
CCP5
PWM6OUT
PWM7OUT
CWG1A
CWG1B
CWG1C
CWG1D
CLKR
—
—
TABLE 5:
64-PIN ALLOCATION TABLE PIC18(L)F6XK40 (CONTINUED)
Note
1:
This is a PPS remappable signal. The input function may be removed from the default location shown to one of several other PORTx pins. Details about this can be found in the data sheet.
2:
All output signals shown in this row are PPS remappable. These signals may be mapped to output onto one of several POTRTx pin options. Details about this can be found in the data sheet.
3:
This is a bidirectional signal. For normal module operation, the firmware should map this signal to the same pin in both the PPS input and PPS output registers.
4:
These pins are configured for I2C logic levels; The SCLx/SDAx signals may be assigned to any of these pins. PPS assignments to the other pins (e.g., RA5) will operate, but input logic levels will be
standard TTL/ST as selected b the INLVL register, instead of the I2C specific input buffer thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com