Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PET30 Datasheet(PDF) 2 Page - Pro-Power

Part # PET30
Description  Braided Sleeving PET Expandable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

PET30 Datasheet(HTML) 2 Page - Pro-Power

  PET30 Datasheet HTML 1Page - Pro-Power PET30 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.1
06/04/16
Braided Sleeving
PET Expandable
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
(*) Indicative weight for 100 meters.
(**) Indicative diameter, to follow in case of important variations of sections on the part to be protected.
Part Number Table
Description
Part Number
Sleeving, Braid, 3mm, Black, 10m
PETBK3B10
Sleeving, Braid, 4mm, Black, 10m
PETBK4B10
Sleeving, Braid, 5mm, Black, 10m
PETBK5B10
Sleeving, Braid, 6mm, Black, 10m
PETBK6B10
Sleeving, Braid, 8mm, Black, 10m
PETBK8B10
Sleeving, Braid, 10mm, Black, 10m
PETBK10B10
Sleeving, Braid, 12mm, Black, 10m
PETBK12B10
Sleeving, Braid, 15mm, Black, 10m
PETBK15B10
Sleeving, Braid, 20mm, Black, 10m PETBK20B10
Sleeving, Braid, 25mm, Black, 10m
PETBK25B10
Sleeving, Braid, 30mm, Black, 10m PETBK30B10
Sleeving, Braid, 40mm, Black, 10m PETBK40B10
Sleeving, Braid, 50mm, Black, 10m
PETBK50B10
Sleeving, Braid, 3mm, Black, 5m
PETBK3BG5
Sleeving, Braid, 5mm, Black, 5m
PETBK5BG5
Sleeving, Braid, 6mm, Black, 5m
PETBK6BG5
Sleeving, Braid, 8mm, Black, 5m
PETBK8BG5
Sleeving, Braid, 10mm, Black, 5m
PETBK10BG5
Sleeving, Braid, 12mm, Black, 5m
PETBK12BG5
Description
Part Number
Sleeving, Braid, 15mm, Black, 5m
PETBK15BG5
Sleeving, Braid, 20mm, Black, 5m
PETBK20BG5
Sleeving, Braid, 25mm, Black, 5m
PETBK25BG5
Sleeving, Braid, 30mm, Black, 5m
PETBK30BG5
Sleeving, Braid, 40mm, Black, 5m
PETBK40BG5
Sleeving, Braid, 50mm, Black, 5m
PETBK50BG5
Sleeving, Braid, 3mm, Grey, 5m
PETGY3BG5
Sleeving, Braid, 4mm, Grey, 5m
PETGY4BG5
Sleeving, Braid, 5mm, Grey, 5m
PETGY5BG5
Sleeving, Braid, 6mm, Grey, 5m
PETGY6BG5
Sleeving, Braid, 8mm, Grey, 5m
PETGY8BG5
Sleeving, Braid, 10mm, Grey, 5m
PETGY10BG5
Sleeving, Braid, 12mm, Grey, 5m
PETGY12BG5
Sleeving, Braid, 15mm, Grey, 5m
PETGY15BG5
Sleeving, Braid, 20mm, Grey, 5m
PETGY20BG5
Sleeving, Braid, 25mm, Grey, 5m
PETGY25BG5
Sleeving, Braid, 30mm, Grey, 5m
PETGY30BG5
Sleeving, Braid, 40mm, Grey, 5m
PETGY40BG5
Sleeving, Braid, 50mm, Grey, 5m
PETGY50BG5
Reference
Size
Range of use advised (mm)
Expansion Ø max. (**) (mm)
Weight (*) g / 100m
PET6
6
4 up to 11
14
580
PET8
8
5 up to 12
17
770
PET10
10
7 up to 15
22
900
PET12
12
8 up to 17
24
1010
PET15
15
10 up to 21
27
1230
PET20
20
14 up to 25
32
1400
PET25
25
18 up to 32
38
1720
PET30
30
20 up to 40
48
2160
PET40
40
30 up to 55
67
2870
PET50
50
40 up to 65
78
3960



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com