Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL103W Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL103W
Description  DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL103W Datasheet(HTML) 4 Page - Texas Instruments

  TL103W Datasheet HTML 1Page - Texas Instruments TL103W Datasheet HTML 2Page - Texas Instruments TL103W Datasheet HTML 3Page - Texas Instruments TL103W Datasheet HTML 4Page - Texas Instruments TL103W Datasheet HTML 5Page - Texas Instruments TL103W Datasheet HTML 6Page - Texas Instruments TL103W Datasheet HTML 7Page - Texas Instruments TL103W Datasheet HTML 8Page - Texas Instruments TL103W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
OPAMP1, Operational Amplifier With Noninverting Input Connected to the Internal V
REF
TL103W, TL103WA
DUAL OPERATIONAL AMPLIFIERS
WITH INTERNAL REFERENCE
SLOS437J – APRIL 2004 – REVISED JULY 2005
Electrical Characteristics
V
CC+ = 5 V, VCC = GND, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
1
4
TL103W
Vicm = 0 V
Full range
5
VIO
Input offset voltage
mV
25
°C
0.5
3
TL103WA
Vicm = 0 V
Full range
5
αV
IO
Input offset-voltage drift
25
°C
7
µV/°C
IIB
Input bias current (negative input)
25
°C
20
nA
AVD
Large-signal voltage gain
VCC+ = 15 V, RL = 2 kΩ, Vicm = 0 V
25
°C
100
V/mV
kSVR
Supply-voltage rejection ratio
VCC+ = 5 V to 30 V, Vicm = 0 V
25
°C
65
100
dB
Isource
Output source current
VCC+ = 15 V, VO = 2 V, Vid = 1 V
25
°C
20
40
mA
ISC
Short circuit to GND
VCC+ = 15 V
25
°C
40
60
mA
VCC+ = 15 V, VO = 2 V, Vid = –1 V
10
12
mA
Isink
Output sink current
25
°C
VCC+ = 15 V, VO = 0.2 V, Vid = –1 V
12
50
µA
25
°C
26
27
VCC = 30 V, RL = 2 kΩ
Full range
26
VOH
High-level output voltage
V
25
°C
27
28
VCC = 30 V, RL = 10 kΩ
Full range
27
25
°C
5
20
VOL
Low-level output voltage
RL = 10 kΩ
mV
Full range
20
VCC+ = 15 V, CL = 100 pF,
SR
Slew rate at unity gain
25
°C
0.2
0.4
V/
µs
RL = 2 kΩ, VI = 0.5 V to 2 V, unity gain
VCC+ = 30 V, VI = 10 mV,
GBW
Gain bandwidth product
25
°C
0.5
0.9
MHz
CL = 100 pF, RL = 2 kΩ, f = 100 kHz
VCC+ = 30 V, VO = 2 Vpp, CL = 100 pF,
THD
Total harmonic distortion
25
°C
0.02
%
RL = 2 kΩ, f = 1 kHz, AV = 20 dB
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com