Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL507C Datasheet(PDF) 3 Page - Texas Instruments

Part # TL507C
Description  ANALOG-TO-DIGITAL CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL507C Datasheet(HTML) 3 Page - Texas Instruments

  TL507C Datasheet HTML 1Page - Texas Instruments TL507C Datasheet HTML 2Page - Texas Instruments TL507C Datasheet HTML 3Page - Texas Instruments TL507C Datasheet HTML 4Page - Texas Instruments TL507C Datasheet HTML 5Page - Texas Instruments TL507C Datasheet HTML 6Page - Texas Instruments TL507C Datasheet HTML 7Page - Texas Instruments TL507C Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TL507C, TL507l
ANALOG-TO-DIGITAL CONVERTER
SLAS041 – OCTOBER 1979 – REVISED OCTOBER 1988
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC1 (see Note 1)
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC2
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage at analog input
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage at ENABLE, CLK, and RESET
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
On-state output voltage
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation at (or below) 25
°C free-air temperature (see Note 2)
1000 mW
. . . . . . . . . . . . .
Operating free-air temperature range: TL507C
0 to 70
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TL507I
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. Voltage values are with respect to network ground terminal unless otherwise noted.
2. For operation above 25
°C free-air temperature, derate linearly to 520 mW at 85°C at the rate of 8.0 mW/°C.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC1
3.5
5
6
V
Supply voltage, VCC2
8
15
18
V
Input voltage at ANALOG INPUT
0
5.5
V
Input voltage at ENABLE, CLK, and RESET
±18
V
High-level input voltage, VIH, RESET and ENABLE
2
V
Low-level input voltage, VIL, RESET and ENABLE
0.8
V
On-state output voltage
5.5
V
Off-state output voltage
1.8
V
Clock frequency, fclock
0
125
150
kHz
electrical characteristics over recommended operating free-air temperature range,
VCC1 = VCC2 = 5 V (unless otherwise noted)
regular section
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC1
Supply voltage (output)
VCC2 = 10 V to 18 V, ICC1 = 0 to – 1 mA
5
5.5
6
V
ICC1
Supply current
VCC1 = 5 V,
VCC2 open
5
8
mA
ICC2
Supply current
VCC2 = 15 V,
VCC1 open
7
10
mA
inputs
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VT+
Positive-going threshold voltage‡
4.5
V
VT-
Negative-going threshold voltage‡
CLK
0.4
V
Vhys
Hysteresis (VT+ – VT–)
2
2.6
4
V
IIH
High level input current
VI = 2.4 V
17
35
µA
IIH
High-level input current
RESET, ENABLE, and CLK
VI = 18 V
130
220
320
µA
IIL
Low-level input current
VI = 0
±10
µA
II
Analog input current
VI = 4 V
10
300
nA
† All typical values are at TA = 25°C.
‡ These parameters are linear functions of VCC1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com