Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 39 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB2136 Datasheet HTML 35Page - Texas Instruments TUSB2136 Datasheet HTML 36Page - Texas Instruments TUSB2136 Datasheet HTML 37Page - Texas Instruments TUSB2136 Datasheet HTML 38Page - Texas Instruments TUSB2136 Datasheet HTML 39Page - Texas Instruments TUSB2136 Datasheet HTML 40Page - Texas Instruments TUSB2136 Datasheet HTML 41Page - Texas Instruments TUSB2136 Datasheet HTML 42Page - Texas Instruments TUSB2136 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
2−26
The TXE bit in I2CSTA is cleared, indicating busy.
The content of the I2CADR register is transmitted to the EEPROM (preceded by start condition on SDA).
The content of the I2CDAO register is transmitted to the EEPROM (EEPROM address).
The TXE bit in I2CSTA is set, and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.
No stop condition is generated.
EEPROM [low byte]
The MCU writes the low byte of the EEPROM address into the I2CDAO register.
The TXE bit in I2CSTA is cleared, indicating busy.
The content of the I2CDAO register is transmitted to the device (EEPROM address).
The TXE bit in I2CSTA is set, and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.
This completes the dummy write operation. At this point, the EEPROM address is set and the MCU can
perform a single or a sequential read operation.
2.11.2 Current Address Read Operation
Once the EEPROM address is set, the MCU can read a single byte by executing the following steps:
1.
The MCU sets I2CSTA[SRD] = 1, forcing the I2C controller to generate a stop condition after the I2CDAI
register is received.
2.
The MCU writes the device address (R/W bit = 1) to the I2CADR register (read operation).
3.
The MCU writes a dummy byte to the I2CDAO register, starting the transfer on the SDA line.
4.
The RXF bit in I2CSTA is cleared.
5.
The content of the I2CADR register is transmitted to the device, preceded by a start condition on SDA.
6.
Data from the EEPROM is latched into the I2CDAI register (stop condition is transmitted).
7.
The RXF bit in I2CSTA is set, and interrupts the MCU, indicating that the data is available.
8.
The MCU reads the I2CDAI register. This clears the RXF bit (I2CSTA[RXF] = 0).
2.11.3 Sequential Read Operation
Once the EEPROM address is set, the MCU can execute a sequential read operation by executing the following steps
(Note: this example illustrates a 32-byte sequential read):
1.
Device Address
The MCU sets I2CSTA[SRD] = 0. This prevents the I2C controller from generating a stop condition after
the I2CDAI register is received.
The MCU writes the device address (R/W bit = 1) to the I2CADR register (read operation).
The MCU writes a dummy byte to the I2CDAO register, starting the transfer on the SDA line.
The RXF bit in I2CSTA is cleared.
The content of the I2CADR register is transmitted to the device (preceded by a start condition on SDA).
2.
N-Byte Read (31 bytes)
Data from the device is latched into the I2CDAI register (stop condition is not transmitted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com