Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080DGG Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65MLVD080DGG
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD080DGG Datasheet(HTML) 1 Page - Texas Instruments

  SN65MLVD080DGG Datasheet HTML 1Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 2Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 3Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 4Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 5Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 6Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 7Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 8Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
LOGIC DIAGRAM (POSITIVE LOGIC)
1DE
1D
RE
1R
1A
1B
SN65MLVD080, SN65MLVD082
Channel 1
Channels 2 - 8
7
7
7
2DE - 8DE
2D - 8D
2R - 8R
2A - 8A
2B - 8B
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
The M-LVDS standard defines two types of receivers,
designated as Type-1 and Type-2. Type-1 receivers
•
Low-Voltage Differential 30-
Ω to 55-Ω Line
(SN65MLVD080) have thresholds centered about
Drivers and Receivers for Signaling Rates (1)
zero with 25 mV of hysteresis to prevent output
Up to 250 Mbps; Clock Frequencies Up to
oscillations with loss of input; Type-2 receivers
125 MHz
(SN65MLVD082) implement a failsafe by using an
•
Meets or Exceeds the M-LVDS Standard
offset threshold. In addition, the driver rise and fall
times are between 1 and 2.0 ns, complying with the
TIA/EIA-899 for Multipoint Data Interchange
M-LVDS standard to provide operation at 250 Mbps
•
Controlled Driver Output Voltage Transition
while also accommodating stubs on the bus. Receiver
Times for Improved Signal Quality
outputs are slew rate controlled to reduce EMI and
•
–1 V to 3.4 V Common-Mode Voltage Range
crosstalk effects associated with large current surges.
Allows Data Transfer With 2 V of Ground
The M-LVDS standard allows for 32 nodes on the bus
Noise
providing a high-speed replacement for RS-485
where lower common-mode can be tolerated or when
•
Bus Pins High Impedance When Driver
higher signaling rates are needed.
Disabled or V
CC ≤ 1.5 V
The driver logic inputs and the receiver logic outputs
•
Independent Enables for each Driver
are on separate pins rather than tied together as in
•
Bus Pin ESD Protection Exceeds 8 kV
some transceiver designs. The drivers have separate
•
Packaged in 64-Pin TSSOP (DGG)
enables (DE) and the receivers are enabled globally
through (RE). This arrangement of separate logic
•
M-LVDS Bus Power Up/Down Glitch Free
inputs, logic outputs, and enable pins allows for a
listen-while-talking
operation.
The
devices
are
characterized for operation from –40
°C to 85°C.
•
Parallel Multipoint Data and Clock
Transmission Via Backplanes and Cables
•
Low-Power High-Speed Short-Reach
Alternative to TIA/EIA-485
•
Cellular Base Stations
•
Central-Office Switches
•
Network Switches and Routers
The SN65MLVD080 and SN65MLVD082 provide
eight half-duplex transceivers for transmitting and
receiving Multipoint-Low-Voltage Differential Signals
in full compliance with the TIA/EIA-899 (M-LVDS)
standard, which are optimized to operate at signaling
rates up to 250 Mbps. The driver outputs have been
designed to support multipoint buses presenting
loads as low as 30-
Ω and incorporates controlled
transition times to allow for stubs off of the backbone
transmission line.
(1)
The signaling rate of a line, is the number of voltage
transitions that are made per second expressed in the units
bps (bits per second).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65MLVD080DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD080DGG TI-SN65MLVD080DGG Datasheet
239Kb / 24P
8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SN65MLVD080DGG TI-SN65MLVD080DGG Datasheet
526Kb / 28P
8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080DGGG4 TI-SN65MLVD080DGGG4 Datasheet
526Kb / 28P
8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080DGGR TI-SN65MLVD080DGGR Datasheet
526Kb / 28P
8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080DGGRG4 TI-SN65MLVD080DGGRG4 Datasheet
526Kb / 28P
8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
More results

Similar Description - SN65MLVD080DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
100 MHz Single Channel M-LVDS Transceivers
logo
Texas Instruments
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Analog Devices
UG-361 AD-UG-361 Datasheet
581Kb / 8P
High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
UG-390 AD-UG-390 Datasheet
307Kb / 8P
High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
9/2021-Revision 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com