Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080DGG.B Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65MLVD080DGG.B
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD080DGG.B Datasheet(HTML) 2 Page - Texas Instruments

  SN65MLVD080DGG.B Datasheet HTML 1Page - Texas Instruments SN65MLVD080DGG.B Datasheet HTML 2Page - Texas Instruments SN65MLVD080DGG.B Datasheet HTML 3Page - Texas Instruments SN65MLVD080DGG.B Datasheet HTML 4Page - Texas Instruments SN65MLVD080DGG.B Datasheet HTML 5Page - Texas Instruments SN65MLVD080DGG.B Datasheet HTML 6Page - Texas Instruments SN65MLVD080DGG.B Datasheet HTML 7Page - Texas Instruments SN65MLVD080DGG.B Datasheet HTML 8Page - Texas Instruments SN65MLVD080DGG.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
THERMAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
RECEIVER TYPE
PACKAGE MARKING
PACKAGE/CARRIER
SN65MLVD080DGG
Type 1
MLVD080
64-Pin TSSOP/Tube
SM65MLVD080DGGR
Type 1
MLVD080
64-Pin TSSOP/Tape and Reeled
SN65MLVD082DGG
Type 2
MLVD082
64-Pin TSSOP/Tube
SM65MLVD082DGGR
Type 2
MLVD082
64-Pin TSSOP/Tape and Reeled
TA ≤ 25°C
DERATING FACTOR(1)
TA = 85°C
PACKAGE
PCB JEDEC STANDARD
POWER RATING
ABOVE TA = 25°C
POWER RATING
DGG
Low-K(2)
1204.7 mW
10.5 mW/
°C
576 mW
DGG
High-K(3)
1839.4 mW
16.0 mW/
°C
880 mw
(1)
This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no air flow.
(2)
In accordance with the Low-K thermal metric definitions of EIA/JESD51-3.
(3)
In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θ
JB
Junction-to-board thermal resistance
41.08
°C/W
θ
JC
Junction-to-case thermal resistance
6.78
°C/W
VCC = 3.3 V, DE = VCC, RE = GND, CL = 15 pF,
477
RL = 50 Ω, 250 Mbps random data on each input
Device power dissipation
mW
VCC = 3.6 V, DE = VCC, RE = GND, CL = 15 pF,
RL = 50 Ω, 250 Mbps data on one input and 125 MHz
854(1)
clock on the others
(1)
When all channels are running at a 125-MHz clock frequency, a 250 lfm is required for a low-K board, and 150 lfm is required for a
high-K board. In such applications, a TI 1:8 or dual 1:4 M-LVDS buffer is highly recommended, SN65MLVD128 or SN65MLVD129, to
fan out clock signals in multiple paths.
over operating free-air temperature range unless otherwise noted(1)
SN65MLVD080, 082
Supply voltage range(2), VCC
–0.5 V to 4 V
D, DE, RE
–0.5 V to 4 V
Input voltage range
A, B
–1.8 V to 4 V
R
–0.3 V to 4 V
Output voltage range
A, or B
–1.8 V to 4 V
A, B
±8 kV
Human Body Model(3)
Electrostatic discharge
All pins
±2 kV
Charged-Device Model(4)
All pins
±1500 V
Continuous power dissipation
See Dissipation Rating Table
Storage temperature range
–65
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com