Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412REY7TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F412REY7TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412REY7TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F412REY7TR Datasheet HTML 9Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 10Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 11Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 12Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 13Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 14Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 15Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 16Page - STMicroelectronics STM32F412REY7TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 201 page
background image
DocID028087 Rev 7
13/201
STM32F412xE/G
Description
42
2
Description
STM32F412XE/G devices are based on the high-performance Arm® Cortex® -M4 32-bit
RISC core operating at a frequency of up to 100 MHz. Their Cortex®-M4 core features a
Floating point unit (FPU) single precision which supports all Arm single-precision data-
processing instructions and data types. It also implements a full set of DSP instructions and
a memory protection unit (MPU) which enhances application security.
STM32F412XE/G devices belong to the STM32 Dynamic Efficiency
™ product line (with
products combining power efficiency, performance and integration) while adding a new
innovative feature called Batch Acquisition Mode (BAM) allowing even more power
consumption saving during data batching.
STM32F412XE/G devices incorporate high-speed embedded memories (up to 1 Mbyte of
Flash memory, 256 Kbytes of SRAM), and an extensive range of enhanced I/Os and
peripherals connected to two APB buses, three AHB buses and a 32-bit multi-AHB bus
matrix.
All devices offer one 12-bit ADC, a low-power RTC, twelve general-purpose 16-bit timers,
two PWM timers for motor control and two general-purpose 32-bit timers.
They also feature standard and advanced communication interfaces:
•
Up to four I2Cs, including one I2C supporting Fast-Mode Plus
•
Five SPIs
•
Five I2Ss of which two are full duplex. To achieve audio class accuracy, the I2S
peripherals can be clocked via a dedicated internal audio PLL, or via an external clock
to allow synchronization.
•
Four USARTs
•
An SDIO/MMC interface
•
A USB 2.0 OTG full-speed interface
•
Two CANs.
In addition, STM32F412xE/G devices embed advanced peripherals:
•
A flexible static memory controller interface (FSMC)
•
A Quad-SPI memory interface
•
A digital filter for sigma modulator (DFSDM), two filters, up to four inputs, and support
of microphone MEMs.
STM32F412xE/G devices are offered in 7 packages ranging from 48 to 144 pins. The set of
available peripherals depends on the selected package.
The STM32F412xE/G operates in the -40 to +125 °C temperature range from a 1.7 (PDR
OFF) to 3.6 V power supply. A comprehensive set of power-saving modes allows the design
of low-power applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com