Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412CEH3TR Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F412CEH3TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412CEH3TR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F412CEH3TR Datasheet HTML 61Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 62Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 63Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 64Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 65Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 66Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 67Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 68Page - STMicroelectronics STM32F412CEH3TR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 201 page
background image
DocID028087 Rev 7
65/201
STM32F412xE/G
Pinouts and pin description
73
PE11
D8
DA8
-
Yes
Yes
PE12
D9
DA9
-
Yes
Yes
PE13
D10
DA10
-
Yes
Yes
PE14
D11
DA11
-
Yes
Yes
PE15
D12
DA12
-
Yes
Yes
PB12
D13
DA13
Yes
Yes
Yes
PB14
D0
DA0
Yes
Yes
Yes
PD8
D13
DA13
-
-
Yes
PD9
D14
DA14
-
Yes
Yes
PD10
D15
DA15
-
Yes
Yes
PD11
A16
A16
-
Yes
Yes
PD12
A17
A17
-
Yes
Yes
PD13
A18
A18
-
Yes
Yes
PD14
D0
DA0
-
Yes
Yes
PD15
D1
DA1
-
Yes
Yes
PG2
A12
-
-
-
Yes
PG3
A13
-
-
-
Yes
PG4
A14
-
-
-
Yes
PG5
A15
-
-
-
Yes
PC6
D1
DA1
Yes
Yes
Yes
PC11
D2
DA2
Yes
Yes
Yes
PC12
D3
DA3
Yes
Yes
Yes
PD0
D2
DA2
-
Yes
Yes
PD1
D3
DA3
-
Yes
Yes
PD2
NWE
NWE
Yes
Yes
Yes
PD3
CLK
CLK
-
Yes
Yes
PD4
NOE
NOE
-
Yes
Yes
PD5
NWE
NEW
-
Yes
Yes
PD6
NWAIT
NWAIT
-
Yes
Yes
PD7
NE1
NE1
-
Yes
Yes
PG9
NE2
NE2
-
-
Yes
PG10
NE3
NE3
-
-
Yes
PG12
A24
A24
-
-
Yes
Table 10. FSMC pin definition
Pins
FSMC
64 pins
100 pins
144 pins
LCD/NOR/PSR
AM/SRAM
NOR/PSRAM
Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com