Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412VGH3TR Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32F412VGH3TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412VGH3TR Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32F412VGH3TR Datasheet HTML 91Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 92Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 93Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 94Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 95Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 96Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 97Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 98Page - STMicroelectronics STM32F412VGH3TR Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 201 page
background image
DocID028087 Rev 7
95/201
STM32F412xE/G
Electrical characteristics
166
Table 29. Typical and maximum current consumption in Sleep mode - VDD = 3.6 V
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD
Supply current
in Sleep mode
All peripherals enabled(2),
External clock,
PLL ON,
Flash deep power down
100
17.7
18.48(3) 19.83
21.70
24.00
mA
84
14.3
15.39
16.31
17.48
19.34
64
10.0
10.71
11.35
12.13
13.41
50
7.9
8.53
9.13
9.89
10.94
25
4.4
4.99
5.46
6.11
6.75
20
4.0
4.42
4.95
5.64
6.23
All peripherals enabled(2),
HSI, PLL OFF,
Flash deep power down
16
2.7
2.83
3.47
4.21
4.66
1
0.5
0.68
1.25
1.92
2.12
All peripherals enabled(2),
External clock,
PLL ON Flash ON
100
18.1
19.39
20.70
22.24
24.59
84
14.7
15.80
16.71
17.92
19.82
64
10.3
11.02
11.66
12.45
13.77
50
8.2
8.88
9.53
10.26
11.35
25
4.7
5.30
5.82
6.53
7.23
20
4.2
4.67
5.18
5.90
6.53
All peripherals enabled(2),
HSI, PLL OFF, Flash ON
16
2.7
3.10
3.72
4.50
4.98
1
0.8
0.93
1.50
2.18
2.41
All peripherals disabled,
External clock,
PLL ON(2),
Flash deep power down
100
3.2
3.42(3)
4.98
6.88
9.70
84
2.6
3.09
3.63
4.44
6.26
64
2.0
2.33
2.81
3.46
4.87
50
1.7
2.02
2.54
3.12
4.39
25
1.2
1.63
2.21
2.89
4.08
20
1.3
1.62
2.09
2.78
3.92
All peripherals disabled,
HSI, PLL OFF(2),
Flash deep power down
16
0.5
0.63
1.24
1.92
2.71
1
0.4
0.53
1.14
1.82
2.57
All peripherals disabled,
External clock,
PLL ON(2), Flash ON
100
3.6
4.17
4.84
5.63
7.93
84
3.0
3.49
4.13
4.88
6.88
64
2.3
2.69
3.23
3.85
5.42
50
2.0
2.33
2.83
3.45
4.86
25
1.4
1.88
2.39
3.06
4.31
20
1.5
1.88
2.43
3.06
4.31
All peripherals disabled,
HSI, PLL OFF(2),
Flash ON
16
0.8
0.91
1.50
2.22
3.13
1
0.7
0.78
1.37
2.09
2.95
1. Based on characterization, not tested in production unless otherwise specified.
2. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is ON (ADON bit is set in the ADC_CR2 register).
3. Tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com