Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6156LETM Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX6156LETM
Description  4U 14-slot Rackmount Chassis
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX6156LETM Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX6156LETM Datasheet HTML 1Page - Axiomtek Co., Ltd. AX6156LETM Datasheet HTML 2Page - Axiomtek Co., Ltd. AX6156LETM Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2023 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
215
AX6156LE
4U 14-slot Rackmount Chassis
Features
Specifications
Top view
Standard Color
Beige
Construction
Heavy-duty steel
Drive Capacitiy
Exposed
3 x 5.25" HDD drive bay
1 x 3.5" HDD drive bay
Cooling
1 x 12 cm ball-bearing fan (88 CFM/each) with a removable filter (two fans for optional)
Front panel indicators: 1 x power on/off; 1 x HDD
Front Panel Controls
1 x Power on/off
1 x System reset
Front Panel Connectors
1 x USB
1x PS/2 5-pin keyboard
Pre-punched Panel
2 x 9-pin; 1 x DIN 5-pin keyboard
System Board
PICMG SBCs, ATX motherboards or IMB series
Expansion Interface
14-slot backplane
Speaker
1 x 0.3W speaker
Operating Temperature
0°C to +40°C (+32°F to +104°F)
Dimensions
484.7 ± 1.0mm (19.08") (W) x 537.35 ± 1.0mm (21.16") (D) x 176.7 ±1.0mm (6.96") (H)
Weight (net/gross)
18 kg (39.68 lb)/19.5 kg (43 lb)
● Three 5.25" and one 3.5" HDD drive bays
● One 12 cm ball-bearing fan (two 12 cm fans for optional)
● Supports maximum 14 slot backplane via PICMG SBCs or
ATX motherboards
● Hot-swap redundant power supply supported


Similar Part No. - AX6156LETM

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX6156LETM AXIOMTEK-AX6156LETM Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
AX6156LETMX300 AXIOMTEK-AX6156LETMX300 Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
AX6156LETMX300R AXIOMTEK-AX6156LETMX300R Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
AX6156LETMX400 AXIOMTEK-AX6156LETMX400 Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
More results

Similar Description - AX6156LETM

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PCH-R400M PROTECHSYSTEMS-PCH-R400M Datasheet
110Kb / 1P
4U Rackmount Chassis
PCH-R414 PROTECHSYSTEMS-PCH-R414 Datasheet
643Kb / 1P
4U 14-slot Rackmount Chassis
logo
Axiomtek Co., Ltd.
AX61492 AXIOMTEK-AX61492 Datasheet
367Kb / 2P
4U 20-slot Extended Rackmount Chassis
AX6145 AXIOMTEK-AX6145_16 Datasheet
415Kb / 2P
4U 14-slot Rackmount Chassis
AX6156LE AXIOMTEK-AX6156LE_16 Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_16 Datasheet
295Kb / 2P
4U 14-slot Rackmount Chassis
AX6145 AXIOMTEK-AX6145_17 Datasheet
405Kb / 2P
4U Rackmount Chassis
AX6156LE AXIOMTEK-AX6156LE_17 Datasheet
1,005Kb / 2P
4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_17 Datasheet
294Kb / 2P
4U 14-slot Rackmount Chassis
logo
Advantech Co., Ltd.
IPC-623 ADVANTECH-IPC-623_V02 Datasheet
991Kb / 2P
4U 20-Slot Rackmount Chassis
21-Jun-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com