Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6156LEWM Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX6156LEWM
Description  4U 14-slot Rackmount Chassis
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX6156LEWM Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX6156LEWM Datasheet HTML 1Page - Axiomtek Co., Ltd. AX6156LEWM Datasheet HTML 2Page - Axiomtek Co., Ltd. AX6156LEWM Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
* All specifications and photos are subject to change without notice.
Industrial Chassis (including Embedded MicroBoxes)
6
216
215
Packing List
Ordering Information
Backplane Options
Power Supply Information
AX6156LEWB
(P/N: E206156500)
4U 14-slot beige rackmount chassis for full-size SBC w/o PSU
AX6156LETB
(P/N: E206156501)
4U 14-slot black rackmount chassis for full-size SBC w/o PSU
AX6156LETM
(P/N: E206156502)
4U 7-slot black rackmount chassis for ATX w/o PSU
AX6156LEWM
(P/N: E206156525)
4U 7-slot beige rackmount chassis for ATX SBC w/o PSU
*Specifications and certifications are based on options and may vary.
** T-Black color; W-Beige color
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
FAB100
4/4/5/1
Single
FAB101
0/13/0/1
Single
FAB112
0/10/2/1
Single
FAB113
0/4/8/1
Single
FAB114
0/8/4/1
Single
FAB119
0/10/2/1
Single
PICMG 1.3
50904B24010E
ATX 400W FSP-400-70PFL (SK)
50916A06000E
ATX 600W SS-600ES2
50914B09620E
ATX AC_AUTO 400W-HRP MRW-6400P (RC)
50761222000E
LGA1151/1155/1156 CPU cooler
72061560000E
3.5" to 5.25" HDD bracket (Need to buy a pair)
E393242100
AX93242-RC HD audio converter kit
593836A0030E
Power cable SATAx2, L=150mm (RC)
594G5208010E
SATA3 cable 180D w/B.sleeve, L=50cm
594G5208000E
SATA3 cable 180D w/lock&B.sleeve, L=50cm
59380402010E
COM port cable w/bracket, P=2.54mm, L=300m
5938A808010E
USB cable w/bkt USBx2, 2X5 (10P-Key)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com