Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

959150. Datasheet(PDF) 1 Page - Mitutoyo America Corporation. All rights reserved.

Part # 959150.
Description  SPC Connecting Cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITUTOYO [Mitutoyo America Corporation. All rights reserved.]
Direct Link  https://www.mitutoyo.com/
Logo MITUTOYO - Mitutoyo America Corporation. All rights reserved.

959150. Datasheet(HTML) 1 Page - Mitutoyo America Corporation. All rights reserved.

  959150. Datasheet HTML 1Page - Mitutoyo America Corporation. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30
SPC Connecting Cables
FEATURES
• Via these connecting cables, Mitutoyo's electronic gages and
instruments can output data in the from of Digimatic codes.
• The plug differs depending on the output port of the
connected gage.
Plug to data processor
Gage output pulgs
Order No.
Order No.
Gage output ports
Appropriate gages
1m (40")
2m (80")
Straight
905338
905409
IDS Series Digimatic Indicator (Series 543)
IDC Series Digimatic Indicator (Series 543)
IDU Series Digimatic Indicator (Series 575)
Digimatic Thickness Gage (Series 547)
Digimatic Caliper (Series 550, 551)*
Back
905689
905690
Digimatic Carbon Fiber Caliper (Series 522)
Digimatic Height Gage (Series 192, 570)
Heightmatic (Series 574)
Digimatic Depth Gage (Series 547)
Digimatic Scale Unit (Series 572)*
905691
905692
Digital Durometer (Series 811)**
Left
905693
905694
With data out switch
959149
959150
Digimatic Caliper (Series 500, 550. 551, 573)
Digimatic Depth Gage (Series 571)
Digimatic Scale Unit (Series 572)
*Use 959149 or 959150 for the ABSOLUTE reading type gage.
**Only available with 905693 or 905694 cable.


Similar Part No. - 959150.

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
9591 CAMPBELL-9591 Datasheet
205Kb / 2P
12 Ahr and 24 Ahr Power Supplies
July 2011
More results

Similar Description - 959150.

ManufacturerPart #DatasheetDescription
logo
SICK AG
DOL-0803-G02MCS01 SICK-DOL-0803-G02MCS01 Datasheet
274Kb / 4P
Connecting cables
DOL-0803-W02MCS02 SICK-DOL-0803-W02MCS02 Datasheet
279Kb / 4P
Connecting cables
DOL-0804-G02MCS01 SICK-DOL-0804-G02MCS01 Datasheet
284Kb / 4P
Connecting cables
DOL-0804-G10MCS01 SICK-DOL-0804-G10MCS01 Datasheet
284Kb / 4P
Connecting cables
DOL-0804-W05MCS01 SICK-DOL-0804-W05MCS01 Datasheet
283Kb / 4P
Connecting cables
DOL-0804-W10MCS01 SICK-DOL-0804-W10MCS01 Datasheet
283Kb / 4P
Connecting cables
DOL-1204-L10MCS01 SICK-DOL-1204-L10MCS01 Datasheet
307Kb / 4P
Connecting cables
DOL-1208-G30MA SICK-DOL-1208-G30MA Datasheet
274Kb / 4P
Connecting cables
YG8U13-050UB1XLEAX SICK-YG8U13-050UB1XLEAX Datasheet
316Kb / 4P
Connecting cables
YG8U14-050UB3XLEAX SICK-YG8U14-050UB3XLEAX Datasheet
323Kb / 4P
Connecting cables
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com