Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4161 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 4161
Description  Ethernet to 16-Port RS-232 Serial Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

4161 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  4161 Datasheet HTML 1Page - Sealevel Systems, Inc. 4161 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
Ethernet to 16-Port RS-232 Serial Server
Part: 4161 | Model: SeaLINK+16.232
Features
• Ethernet 10/100BaseT (autosense)
• Appears as virtual COM ports to host machine
• Data rates to 230.4K bps
• Supports custom baud rates and 9-bit protocol
• Hot-swappable
• Built-in watchdog/reset circuit automatically recovers the converter
from unexpected error-states
• Serial ports utilize RJ45 connectors
• 120V AC adapter with locking connector included (12VDC @ 1A
output, Item# TR125)
• To ease installation, includes 7′ CAT5 patch cable (blue, Item#
CA246) and crossover cable (yellow, Item# CA251)
• Includes RJ45 loopback for testing RS-232
• Sealevel SeaLINK software supports Microsoft Windows and Linux
operating systems
Specifications
Family
SeaLINK
Dimensions
16.75 (W) x 1.5 (H) x 7.0 (D)
Electrical Interface
RS-232
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
Ethernet
Max Data Distance
50 feet
Max Data Rate
230.4K bps
Operating Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
16
Power Requirement
9-30 VDC @ Min. 10W
Serial Connector(s)
RJ45
Storage Temperature
-50°C to 105°C (-58°F to 221°F)
sealevel.com
+1 864.843.4343
SL9414 E22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com