Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULT Datasheet(PDF) 2 Page - Nichicon corporation

Part # ULT
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

ULT Datasheet(HTML) 2 Page - Nichicon corporation

  ULT Datasheet HTML 1Page - Nichicon corporation ULT Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
ULT
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(125℃/120Hz)
Part Number
(
at 20℃ after
1 minute
)
160
(2C)
15
8×10
0.20
196
45
ULT2C150MNL1GS
22
10×10
0.20
240.8
60
ULT2C220MNL1GS
33
10×13.5
0.20
311.2
65
ULT2C330MNL1GS
200
(2D)
12
8×10
0.20
196
45
ULT2D120MNL1GS
18
10×10
0.20
244
60
ULT2D180MNL1GS
27
10×13.5
0.20
316
65
ULT2D270MNL1GS
250
(2E)
8.2
8×10
0.25
182
30
ULT2E8R2MNL1GS
15
10×10
0.25
250
45
ULT2E150MNL1GS
18
10×13.5
0.25
280
50
ULT2E180MNL1GS
400
(2G)
3.9
8×10
0.25
162.4
30
ULT2G3R9MNL1GS
6.8
10×10
0.25
208.8
45
ULT2G6R8MNL1GS
10
10×13.5
0.25
260
50
ULT2G100MNL1GS
450
(2W)
3.3
8×10
0.30
159.4
20
ULT2W3R3MNL1GS
5.6
10×10
0.30
200.8
35
ULT2W5R6MNL1GS
7.5
10×13.5
0.30
235
40
ULT2W7R5MNL1GS
500
(2H)
1.8
8×10
0.30
236
20
ULT2H1R8MNL1GS
3.3
10×10
0.30
266
35
ULT2H3R3MNL1GS
4.7
10×13.5
0.30
294
40
ULT2H4R7MNL1GS
■
Dimensions
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com