Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTF2W151MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UTF2W151MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UTF2W151MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UTF2W151MHD Datasheet HTML 1Page - Nichicon corporation UTF2W151MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UTF HighVoltage,HighRippleCurrent
U
1
T
2
F
3
2
4
W
5
1
6
5
7
1
8
M
9
10 11
Capacitance tolerance (±20%)
Rated capacitance (150µF)
Rated voltage (450V)
H D
12
T
Size code
Series name
Type
15min.
4min.
Radial Lead Type
Sleeve (PET)
φ 0.8
Pressure
relief vent
Type numbering system (Example : 450V 150µF)
Configuration
L± 2.0
Specifications
V
2D
2P
2E
2G
W6
2W
200
220
250
400
420
450
Case size
φ D
× L(mm)
: Rated ripple current (Arms) at 105°C 120Hz
: In this case, 6 will be put at 12th digit of
type numbering system.
Frequency
Coefficient
50Hz
0.80
120Hz
1.00
300Hz
1.25
1kHz
1.40
10kHz
∼
1.60
Dimensions
Frequency coefficient of rated ripple current
Cap.(µF)
Code
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
10
× 31.5
12.5 × 25
12.5
× 31.5
12.5
× 31.5
12.5 × 35.5
12.5 × 40
16 × 31.5
18 × 31.5
16 × 35.5
18 × 31.5
18 × 35.5
18 × 40
22 × 40
22 × 50
25 × 40
25 × 50
0.35
0.41
0.48
0.53
0.62
0.70
0.76
0.81
0.88
0.87
1.01
1.13
1.20
1.50
1.50
1.60
10 × 31.5
12.5 × 25
12.5 × 31.5
12.5 × 31.5
12.5 × 35.5
12.5 × 40
16 × 31.5
16 × 35.5
18 × 31.5
16 × 40
18 × 35.5
18 × 40
22 × 40
22 × 50
25 × 40
25 × 50
0.29
0.34
0.39
0.43
0.49
0.58
0.67
0.77
0.77
0.88
0.88
1.01
1.15
1.50
1.50
1.60
10 × 31.5
12.5 × 25
12.5 × 31.5
12.5 × 31.5
12.5 × 35.5
12.5 × 40
16 × 31.5
16 × 35.5
18 × 31.5
16 × 40
18 × 35.5
18 × 40
22 × 40
22 × 50
25 × 40
25 × 50
0.27
0.31
0.36
0.40
0.46
0.53
0.62
0.72
0.72
0.83
0.83
0.95
1.05
1.45
1.45
1.55
10 × 31.5
12.5 × 25
12.5 × 31.5
12.5 × 31.5
12.5 × 35.5
12.5 × 40
16 × 31.5
16 × 31.5
16 × 35.5
18 × 31.5
16 × 40
18 × 35.5
18 × 40
22 × 40
22 × 50
25 × 40
25 × 50
0.21
0.24
0.29
0.32
0.37
0.42
0.46
0.50
0.58
0.58
0.66
0.67
0.77
0.85
1.30
1.30
1.40
10 × 31.5
12.5 × 25
12.5 × 31.5
12.5 × 31.5
12.5 × 35.5
12.5 × 40
16 × 31.5
16 × 35.5
18 × 31.5
16 × 40
18 × 31.5
18 × 35.5
18 × 40
22 × 40
22 × 50
25 × 40
25 × 50
0.17
0.20
0.24
0.27
0.31
0.36
0.43
0.51
0.51
0.57
0.57
0.61
0.66
0.80
0.95
0.95
1.20
10 × 31.5
12.5 × 25
12.5 × 31.5
12.5 × 31.5
12.5 × 35.5
12.5 × 40
16 × 31.5
16 × 35.5
16 × 40
18 × 31.5
18 × 35.5
18 × 40
22 × 40
22 × 50
25 × 40
25 × 50
0.15
0.18
0.22
0.25
0.28
0.32
0.38
0.44
0.49
0.48
0.55
0.65
0.77
0.92
0.92
1.10
Dimension table in next page.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
※ I : Leakage Current (μA), C : Rated Capacitance (μF), V : Rated Voltage (V)
High ripple current.
Load life of 5000 hours at 105°C.
Ideal for automotive applications (e.g. on board chargers).
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
AEC-Q200 Qualified. Please contact us for details.
UTF
UTH
High
Ripple Current
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
※
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Performance Characteristics
Item
–40 to +105°C
450V
100 to 170μF
± 20% at 120Hz, 20°C
After 1 minutes' application of rated voltage at 20°C, leakage current is not more than 0.04CV+100 (μA).
After 5 minutes' application of rated voltage at 20°C, leakage current is not more than 0.02CV+25 (μA).
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105°C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Measurement frequency : 120Hz
Capacitance change
Leakage current
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 5000 hours at 105°C, the peak
voltage shall not exceed the rated voltage.
tan δ
Within ± 20% of the initial capacitance value
Less than or equal to the initial specified value
200% or less than the initial specified value
Z(–25°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio (max.)
450
8
Measurement frequency : 120Hz at 20°C
Rated voltage (V)
tan δ (max.)
Marking
450
0.20
NEW
Sep.2024


Similar Part No. - UTF2W151MHD

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
UTF2 LSTD-UTF2 Datasheet
380Kb / 2P
No sound or vibration
More results

Similar Description - UTF2W151MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com