Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML75ABC Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # AML75ABC
Description  Barriers/Panel Seal Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML75ABC Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  AML75ABC Datasheet HTML 1Page - Honeywell Solid State Electronics Center AML75ABC Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Manual Switches
AML76/78 Series
Switch Guard/Panel Plugs, Dummy Housings
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
57
FEATURES
Button cannot be operated when
switch guard cover is closed,
preventing accidental operation
Wire lock-down feature further
prevents unintentional actuation of the
switch.
Lamps can be replaced with the
switch guard attached, without
special tools, saving maintenance
time
Can be used with alternate or
momentary action square or
rectangular .19 inch standard height
AML buttons
Shock resistant construction, for long,
maintenance-free life
AML76 switch guard protects square
and rectangular .19-inch standard
height pushbuttons from inadvertent
actuation. It is for use with standard
bezel type switches only.
See page 65 for mounting dimensions.
The switch guard cover is clear, polycar-
bonate thermoplastic through which the
button is easily visible. The word ‘‘lift’’ is
molded onto the top front edge of the
guard. The bracket is bright-finished
stainless steel.
The switch guard may be assembled to
the AML pushbutton before the switch is
installed in a panel. Or, the guard can be
assembled to a pushbutton already
mounted in a panel, providing the wiring
is sufficiently slack to raise the switch be-
zel above the panel; and if there is suffi-
cient clearance with adjacent units. PK
8522 contains installation instructions
and is shipped with each order.
AML switch guards may be mounted in
horizontal or vertical matrices. A wire
lock-down feature, using .020-inch diam-
eter locking wire, may be used as an addi-
tional protection.
SWITCH GUARD ORDER GUIDE
Guard Type*
Catalog Listing
Square
AML76C10T01P
Rectangular
AML76F10T01P
* The word ‘‘LIFT’’ is molded into the cover. If other
languages are desired contact the 800 number.
Note: Switch guard is not designed for use with
AML61 mounting hardware, AML71 barriers, or full
guard bezel switches.
CONNECTOR BLOCK
AML79CC
This connector block can be used with
square 1 and 2 pole AML21 and AML22
switches with .110 × .020 terminals to
enable plug-in wiring.
AML78 PANEL PLUGS
Plastic panel plugs (shown above) en-
able the user to provide for future needs
by punching extra panel holes. Finished
in matte black, they are the same height
as the standard AML bezel when snap-
ped in place from the panel front.
Panel plugs are only for use in individual
holes or with AML61 mounting hardware
in multi-station strips. (Use dummy hous-
ings in strip cutouts without AML61
mounting hardware.)
PANEL PLUG ORDER GUIDE
Plug Type
Catalog Listing
Square
AML78CB
Rectangular
AML78FB
AML78 DUMMY HOUSINGS
Dummy housings can be used to provide
for expansion needs in strip cutouts with-
out AML61 mounting hardware. They
have mounting clips, but there is no provi-
sion for switching or illumination.
DUMMY HOUSING ORDER GUIDE
Catalog
Dummy Housing Type*
Listing
Square
AML78C100
(Pushbutton style)
Rectangular
AML78F100
(Pushbutton style)
Rectangular
AML78J100
(Lens indicator style)
* Order AML51 Buttons/lenses for use with dummy
housings.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com