Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR910FAW32H6T Datasheet(PDF) 83 Page - STMicroelectronics

Part # STR910FAW32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW32H6T Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STR910FAW32H6T Datasheet HTML 79Page - STMicroelectronics STR910FAW32H6T Datasheet HTML 80Page - STMicroelectronics STR910FAW32H6T Datasheet HTML 81Page - STMicroelectronics STR910FAW32H6T Datasheet HTML 82Page - STMicroelectronics STR910FAW32H6T Datasheet HTML 83Page - STMicroelectronics STR910FAW32H6T Datasheet HTML 84Page - STMicroelectronics STR910FAW32H6T Datasheet HTML 85Page - STMicroelectronics STR910FAW32H6T Datasheet HTML 86Page - STMicroelectronics STR910FAW32H6T Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Electrical characteristics
83/99
Ethernet MII receive timings
Figure 28.
Ethernet MII receive timing diagram
7.12.2
USB electrical interface characteristics
USB 2.0 Compliant in Full Speed Mode
7.12.3
CAN interface electrical characteristics
Conforms to CAN 2.0B protocol specification
6
MII_TX_CLK high to
MII_COL invalid
Th(MII_COL)
0.00
ns
7
MII_TX_CLK high to
MII_TXD valid
tVAL(MII_TXD)
5.02
ns
8
MII_TXCLK high to
MII_TXD invalid
Tinval(MII_TXD
5.02
ns
Table 42.
Ethernet MII transmit timing table
Symbol
Parameter
Symbol
Value
Unit
Min
Max
1
2
MII_RX_CLK
MII_RXD
MII_RX_DV
MII_RX_ER
Table 43.
Ethernet MII receive timing table
Symbol
Parameter
Symbol
Value
Unit
Min
Max
1
MII_RXD valid to
MII_RX_CLK high
Tsu(MII_RXD)
0.81
ns
2
MII_RX_CLK high to
MII_RXD invalid
Th(MII_RXD)
0.00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com