Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3652.080 Datasheet(PDF) 1 Page - Rittal Ltd UK

Part # 3652.080
Description  Front panels, handles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RITTAL [Rittal Ltd UK]
Direct Link  https://www.rittal.com/uk-en/
Logo RITTAL - Rittal Ltd UK

3652.080 Datasheet(HTML) 1 Page - Rittal Ltd UK

  3652.080 Datasheet HTML 1Page - Rittal Ltd UK  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Front panels, handles
Accessories for subracks
533
Rittal Catalogue 31/Electronic packaging
B
3.5
Universal bracket
for front panel support
Material:
Nickel-plated plastic
HP
Packs of
Model No. RP
41
3687.545
Flat front panels
with type V handle and PCB holder
Complete modular systems
Material:
Front panel: 2.5 mm aluminium, natural anodised.
Handle: Aluminium, natural anodised.
PCB holder: Polycarbonate
Supply includes:
1 front panel,
1 handle (2 for 6 U),
1 PCB holder (2 for 6 U),
assembly parts.
Accessories:
Identification strips for handles,
see page 535.
a
2.5
B
2.5
10.6
14
5.9
2.5
B
a
7.46
a
B
5.9
2.5
7.46
10.6
2.5
14
14
HP
a
mm
B
mm
Model No. RP
3 U
H = 128.7
6 U
H = 262.05
314.9
–
3652.000
3652.200
420.0
–
3652.010
3652.210
525.1
–
3652.020
3652.220
630.1
–
3652.030
3652.230
735.2
–
3652.040
3652.240
840.3
–
3652.050
3652.250
10
50.5
35.6
3652.060
3652.260
12
60.6
45.7
3652.070
3652.270
14
70.8
55.9
3652.080
–
HE = U


Similar Part No. - 3652.080

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3652 BURR-BROWN-3652 Datasheet
127Kb / 13P
Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Texas Instruments
3652 TI-3652 Datasheet
149Kb / 14P
Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Heyco.
3652 HEYCO-3652 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
logo
List of Unclassifed Man...
36520 ETC2-36520 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
logo
Tyco Electronics
36521E10NGTDG MACOM-36521E10NGTDG Datasheet
142Kb / 9P
Low Inductance, High Frequency Chip Inductor
More results

Similar Description - 3652.080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Hammond Manufacturing L...
1401P HAMMOND-1401P Datasheet
230Kb / 1P
0.064" THICK ALUMINUM PANELS PAINTED ( FRONT PANEL RAL 7011, REAR PANEL RAL 7032)
logo
List of Unclassifed Man...
A14N12PP ETC2-A14N12PP Datasheet
1Mb / 16P
PERFORATED PANELS
logo
Tripp Lite. All Rights ...
SRCOMBO TRIPPLITE-SRCOMBO Datasheet
474Kb / 1P
SmartRack Door Handles with Combination Lock - 2-pack for front and rear doors with bypass key
logo
Texas Instruments
TP3094 TI1-TP3094_12 Datasheet
131Kb / 20P
Handles four voice channels
logo
Bud Industries, Inc.
PA-1101-MG BUD-PA-1101-MG Datasheet
46Kb / 1P
RELAY RACK PANELS
logo
PHOENIX CONTACT
SZS-1 PHOENIX-SZS-1 Datasheet
65Kb / 3P
The tools feature ergonomic two-component safety handles
UNIFOX-PE-VDE PHOENIX-UNIFOX-PE-VDE Datasheet
48Kb / 2P
The tools feature ergonomic two-component safety handles
logo
Omron Electronics LLC
3S4YR-MMX OMRON-3S4YR-MMX Datasheet
1Mb / 6P
Reliable Reader/Writer Handles Magnetic Cards
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com